Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3412DPNA Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412DPNA Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412DPNA Datasheet HTML 42Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 43Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 44Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 45Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 46Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 47Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 48Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 49Page - Freescale Semiconductor, Inc MC10XS3412DPNA Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
10XS3412
PACKAGING
PACKAGE DIMENSIONS
Figure 15. Package Mechanical Outline
PNA SUFFIX
24-PIN PQFN
NONLEADED PACKAGE
98ARL10596D
ISSUE D


Similar Part No. - MC10XS3412DPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412DHFK FREESCALE-MC10XS3412DHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Similar Description - MC10XS3412DPNA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com