Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
10XS3412
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Figure 12. Auto-retry State Machine
AUTO-RETRY
The auto-retry circuitry is used to reactivate the output(s)
automatically in case of over-current or over-temperature or
under-voltage failure conditions to provide a high availability
of the load.
Auto-retry feature is available in Fault Mode. It is activated
in case of internal retry signal is set to logic [1]:
retry[x] = OC[x] or OT[x] or UV.
The feature retries to switch-on the output(s) after one
auto-retry period (tAUTO) with a limitation in term of number of
occurrence (16 for each output). The counter of retry
occurrences is reset in cases of mode transitions (refer to
NORMAL & FAIL-SAFE MODE TRANSITIONS) and
Retry_dis bit toggling. At each auto-retry, the over-current
detection will be set to default values in order to sustain the
inrush current.
The Figure 12 describes the auto-retry state machine.
DIAGNOSTIC
Output Shorted to VPWR Fault
The 10XS3412 incorporates output shorted to VPWR
detection circuitry in OFF state. Output shorted to VPWR fault
is detected if output voltage is higher than VOSD(THRES) and
reported as a fault condition when the output is disabled
(OFF). The output shorted to VPWR fault is latched into the
status register after the internal gate voltage is pulled low
enough to turn OFF the output. The OS[0:3] and
OL_OFF[0:3] fault bits are set in the status register and FS
pin reports in real time the fault. If the output shorted to
VPWR fault is removed, the status register will be cleared
after reading the register.
The open output shorted to VPWR protection can be
disabled through SPI (OS_DIS[0:3] bit).
Open-Load Faults
The 10XS3412 incorporates three dedicated open-load
detection circuitries on the output to detect in OFF and in ON
state.
Open-load Detection In Off State
The OFF output open-load fault is detected when the
output voltage is higher than VOLD(THRES) pulled up with
internal current source (IOLD(OFF)) and reported as a fault
condition when the output is disabled (OFF). The OFF Output
open-load fault is latched into the status register or when the
internal gate voltage is pulled low enough to turn OFF the
output. The OL_OFF[0:3] fault bit is set in the status register.
If the open load fault is removed (FS output pin goes to high),
the status register will be cleared after reading the register.
The OFF output open-load protection can be disabled
through SPI (OLOFF_DIS[0:3] bit).
OFF
ON
Latched
OFF
Autoretry
OFF
Autoretry
ON
(SC=1)
(OV=1)
(fault_control=1 and OV=0)
(fault_control=0 or OV=1)
(fault_control=0)
(fault_control=0)
(fault_control=0)
(SC=1)
(Retry=1)
=> count=count+1
(Retry=1)
(count=16)
(after Retry Period and OV=0)
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadON=1)
(OpenloadON=1)
or OV=1)
or OV=1)
or OV=1)
if hson=1
if hson=0
if hson=1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn