Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
10XS3412
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL DEVICE OPERATION
SPI PROTOCOL DESCRIPTION
The SPI interface has a full duplex, three-wire
synchronous data transfer with four I/O lines associated with
it: Serial Input (SI), Serial Output (SO), Serial Clock (SCLK),
and Chip Select (CS).
The SI/SO pins of the 10XS3412 follow a first-in first-out
(D15 to D0) protocol, with both input and output words
transferring the most significant bit (MSB) first. All inputs are
compatible with 5.0 or 3.3 V CMOS logic levels.
Figure 9. Single 16-Bit Word SPI Communication
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
NOTES:
OD0
CS
device.
1. RST is a logic [1] state during the above operation.
2. D15
:D0 relate to the most recent ordered entry of data into the device.
3. OD15
:OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn