Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
10XS3412
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
GROUND (GND)
These pins are the ground for the device.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the
source of operational power for the device. The VPWR
contact is the backside surface mount tab of the package.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift
register. The SO pin remains in a high-impedance state until
the CS pin is put into a logic [0] state. The SO data is capable
of reporting the status of the output, the device configuration,
the state of the key inputs, etc. The SO pin changes state on
the rising edge of SCLK and reads out on the falling edge of
SCLK. SO reporting descriptions are provided in Table 23,
page 40.
HIGH SIDE OUTPUTS (HS3, HS1, HS0, HS2)
Protected 10 m
Ω and 12 mΩ high side power outputs to
the load.
FAIL-SAFE INPUT (FSI)
This pin incorporates an active internal pull-up current
source from internal supply (VREG). This enables the
watchdog timeout feature.
When the FSI pin is opened, the watchdog circuit is
enabled. After a Watchdog timeout occurs, the output states
depends on IN[0:3].
When the FSI pin is connected to GND, the watchdog
circuit is disabled. The output states depends on IN[0:3] in
case of VDD Failure condition, in case VDD failure detection
is activated (VDD_FAIL_en bit sets to logic [1]).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn