Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
10XS3412
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6. Bulb Cooling Management
Figure 7. Input Timing Switching Characteristics
IOCH1
tBC5
tBC4
tBC2
tBC1
Previous OFF duration
(toff)
IOCH2
IOC1
IOC3
IOC4
IOCLO4
IOCLO3
IOC2
tBC3
tBC6
IOCLO2
IOCLO1
SI
RSTB
CSB
SCLK
Don’t Care
Don’t Care
Don’t Care
Valid
Valid
VIH
VIL
VIH
VIH
VIH
VIL
VIL
VIL
TwRSTB
Tlead
TwSCLKh
TrSI
Tlag
TSIsu
TwSCLKl
TSI(hold)
TfSI
0.7 VDD
0.2 VDD
0.7VDD
0.2VDD
0.2VDD
0.7VDD
0.7VDD
TCSB
TENBL
RST
SCLK
SI
CS
10% VDD
tWRST
tENBL
10% VDD
tLEAD
tWSCLKh
tRSI
90% VDD
10% VDD
90% VDD
10% VDD
tSI(SU)
tWSCLKl
tSI(HOLD)
tFSI
90% VDD
t CS
tLAG
VIH
VIH
VIL
VIL
VIH
VIL
VIH
VIH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn