Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1043AACPZ-RL Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1043AACPZ-RL
Description  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043AACPZ-RL Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1043AACPZ-RL Datasheet HTML 64Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 65Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 66Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 67Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 68Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 69Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 70Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 71Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
ADP1043A
Rev. 0 | Page 70 of 72
Table 124. Register 0x4F—OUTD Falling Edge Dead Time in Resonant Mode
Bits
Name
R/W
Description
[7:0]
Δt8 (falling edge dead
time of OUTD)
R/W
This register sets Δt8, which is the leading time of the falling edge of OUTD from the end of the
switching cycle, tC. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt8 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275
Table 125. Register 0x51—SR1 Rising Edge Dead Time in Resonant Mode
Bits
Name
R/W
Description
[7:0]
Δt9 (rising edge dead
time of SR1)
R/W
This register sets Δt9, which is the delay time of the rising edge of SR1 from the ACSNS rising
edge, tD. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt9 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275
Table 126. Register 0x53—SR1 Falling Edge Dead Time in Resonant Mode
Bits
Name
R/W
Description
[7:0]
Δt10 (falling edge
dead time of SR1)
R/W
This register sets Δt10, which is the leading time of the falling edge of SR1 from the ACSNS
falling edge, tE. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt10 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275
Table 127. Register 0x55—SR2 Rising Edge Dead Time in Resonant Mode
Bits
Name
R/W
Description
[7:0]
Δt11 (rising edge dead
time of SR2)
R/W
This register sets Δt11, which is the delay time of the rising edge of SR2 from the ACSNS falling
edge, tE. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt11 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275
Table 128. Register 0x57—SR2 Falling Edge Dead Time in Resonant Mode
Bits
Name
R/W
Description
[7:0]
Δt12 (falling edge
dead time of SR2)
R/W
This register sets Δt12, which is the leading time of the falling edge of SR2 from the ACSNS rising
edge, tF. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt12 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275


Similar Part No. - ADP1043AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

Similar Description - ADP1043AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com