Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1043A Datasheet(PDF) 44 Page - Analog Devices

Part # ADP1043A
Description  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043A Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP1043A Datasheet HTML 40Page - Analog Devices ADP1043A Datasheet HTML 41Page - Analog Devices ADP1043A Datasheet HTML 42Page - Analog Devices ADP1043A Datasheet HTML 43Page - Analog Devices ADP1043A Datasheet HTML 44Page - Analog Devices ADP1043A Datasheet HTML 45Page - Analog Devices ADP1043A Datasheet HTML 46Page - Analog Devices ADP1043A Datasheet HTML 47Page - Analog Devices ADP1043A Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
ADP1043A
Rev. 0 | Page 44 of 72
Table 40. Register 0x2C—PSON/Soft Start Setting
Bits
Name
R/W
Description
[7:6]
PS_ON setting
R/W
These bits determine which signal is used by the ADP1043A as the PS_ON control.
Bit 7
Bit 6
PS_ON Setting
0
0
The ADP1043A is always on.
0
1
Hardware PSON pin is used to enable or disable the power supply.
1
0
Software PS_ON bit (Bit 5) is used to enable or disable the power supply.
1
1
Both software PS_ON bit and hardware PSON pin must be enabled before the
ADP1043A is enabled.
5
PS_ON
R/W
Software PS_ON bit.
0 = power supply off.
1 = power supply on.
[4:3]
PS_ON delay
R/W
These bits set the time from when the PS_ON control signal is set to when the soft start begins.
Bit 4
Bit 3
Delay (sec)
0
0
0
0
1
0.5
1
0
1
1
1
2
2
Soft stop enable
R/W
If the soft stop feature is enabled, a soft stop occurs even if a fault flag causes a shutdown event.
This may cause the ADP1043A to continue switching for longer than desired. The user needs to
consider this factor before enabling the soft stop feature.
1 = soft stop time is the same as the soft start time.
0 = no active discharge time. The ADP1043A shuts down the PWM outputs immediately.
[1:0]
Soft start
R/W
These bits set the soft start ramp time, that is, the amount of time that it takes for the power
supply to reach its nominal value.
Bit 1
Bit 0
Ramp Time
0
0
360 μs
0
1
10 ms
1
0
20 ms
1
1
40 ms
Table 41. Register 0x2D—Pin Polarity Setting
Bits
Name
R/W
Description
[7:4]
PGOOD1 on/off
debounce
R/W
These bits set the debounce time before the PGOOD1 pin is enabled or disabled. At startup,
PGOOD1 is not enabled until a period of time after the following signals are all within normal
limits: power supply, CS1 fast OCP, CS1 accurate OCP, CS2 accurate OCP, UVP, local OVP, and load
OVP. When PSON is disabled, there is a debounce before PGOOD1 is disabled.
Bit 7
Bit 6
Bit 5
Bit 4
Delay Time (ms)
0
0
0
0
320
0
1
0
1
200
1
0
1
0
600
1
1
1
1
0
3
PGOOD2 flags
R/W
0 = any flag can set the PGOOD2 pin.
1 = any flag that has not been configured to be ignored can set the PGOOD2 pin.
2
FLAGIN polarity
R/W
This bit sets the polarity of the FLAGIN input pin: 1 = inverted (low = on).
1
GATE polarity
R/W
This bit sets the polarity of the OrFET GATE control pin: 1 = inverted (low = on).
0
PSON polarity
R/W
This bit sets the polarity of the PSON input pin: 1 = inverted (low = on).


Similar Part No. - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

Similar Description - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com