Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1043A Datasheet(PDF) 40 Page - Analog Devices

Part # ADP1043A
Description  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043A Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP1043A Datasheet HTML 36Page - Analog Devices ADP1043A Datasheet HTML 37Page - Analog Devices ADP1043A Datasheet HTML 38Page - Analog Devices ADP1043A Datasheet HTML 39Page - Analog Devices ADP1043A Datasheet HTML 40Page - Analog Devices ADP1043A Datasheet HTML 41Page - Analog Devices ADP1043A Datasheet HTML 42Page - Analog Devices ADP1043A Datasheet HTML 43Page - Analog Devices ADP1043A Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
ADP1043A
Rev. 0 | Page 40 of 72
Table 24. Register 0x19—CS2 × VS3 Value (Output Power)
Bits
Name
R/W
Description
[15:0]
Output power value
R
This register contains the 16-bit output power information. This value is the product of the remote
output voltage value (VS3) and the output current reading (CS2). To read the output power
information, this register must be read using two consecutive read operations. The eight bits
of the first read return the eight MSBs of the output power information. The eight bits of the
second read return the eight LSBs of the output power information. See the Power Readings
section for the formulas needed to convert this digital reading into power information.
Table 25. Register 0x1A—RTD Temperature Value
Bits
Name
R/W
Description
[15:4]
Temperature value
R
This register contains the 12-bit output temperature information, as determined from the
RTD pin. To read the temperature information, this register must be read using two consecu-
tive read operations. The eight bits of the first read return the eight MSBs of the temperature
information. The top four bits of the second read return the four LSBs of the temperature
information. The range of the RTD pin is from 0 V to 1.55 V. This value has 12 bits of resolution,
which results in an LSB size of 378 μV. At 0 V input, the value in this register is 0 (0x000). At
1.5 V input, the ADC output is 3964 (0xF7C). The recommended nominal voltage at this pin
is 1 V. At 1 V input, the value in this register is 2643 (0xA53).
[3:0]
Reserved
R
Reserved.
Table 26. Register 0x1D—Share Bus Value
Bits
Name
R/W
Description
[7:0]
Share bus value
R
This register contains the 8-bit share bus voltage information. If the power supply is the
master, this register outputs 0.
Table 27. Register 0x1E—Modulation Value
Bits
Name
R/W
Description
[7:0]
Modulation value
R
This register contains the 8-bit modulation information. It outputs the amount of
modulation from 0% to 100% that is being placed on the modulating edges.
Table 28. Register 0x1F—Line Impedance Value
Bits
Name
R/W
Description
[7:0]
Line impedance value
R
This register contains the 8-bit line impedance information. This value is (VS2 − VS3)/CS2.


Similar Part No. - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

Similar Description - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com