Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2531ACPZ-WP Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2531ACPZ-WP
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-WP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2531ACPZ-WP Datasheet HTML 8Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 9Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 10Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 11Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 12Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 13Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 14Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 15Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADN2531
Rev. 0 | Page 12 of 20
The equivalent circuits of the BSET, IBIAS, and IBMON pins
are shown in Figure 26 to Figure 28.
VCC
BSET
VCC
800
200
Figure 26. Equivalent Circuit of the BSET Pin
10
2k
100
IBIAS
VCC
VCC
Figure 27. Equivalent Circuit of the IBIAS Pin
IBMON
100
500
VCC
VCC
VCC
Figure 28. Equivalent Circuit of the IBMON Pin
The recommended configuration for the BSET, IBIAS, and
IBMON pins is shown in Figure 29.
ADN2531
BSET
VBSET
GND
IBMON
IBIAS
TO LASER CATHODE
L
RIBMON
750
IBIAS
Figure 29. Recommended Configuration for BSET, IBIAS, and IBMON Pins
The circuit used to drive the BSET voltage must be able to drive
the 1 kΩ input resistance of the BSET pin. For proper operation
of the bias current source, the voltage at the IBIAS pin must be
between the compliance voltage specifications for this pin over
supply, temperature, and bias current range (see Table 1). The
maximum compliance voltage is specified for only two bias
current levels (10 mA and 100 mA), but it can be calculated for
any bias current by
VCOMPLIANCE (V) = VCC (V) − 0.75 − 4.4 × IBIAS (A)
See the Headroom Calculations section for examples.
The function of Inductor L is to isolate the capacitance of the
IBIAS output from the high frequency signal path. For
recommended components, see Table 6.
AUTOMATIC LASER SHUTDOWN (ALS)
The ALS pin is a digital input that enables/disables both the bias
and modulation currents, depending on the logic state applied,
as shown in Table 5.
Table 5. ALS Logic States
ALS Logic State
IBIAS and IMOD
High
Disabled
Low
Enabled
Floating
Enabled
The ALS pin is compatible with 3.3 V CMOS and LVTTL logic
levels. Its equivalent circuit is shown in Figure 30.
VCC
VCC
ALS
100
42k
2k
Figure 30. Equivalent Circuit of the ALS Pin
MODULATION CURRENT
The modulation current can be controlled by applying a dc
voltage to the MSET pin. This voltage is converted into a dc
current via a voltage-to-current converter that uses an
operational amplifier and a bipolar transistor, as shown in
Figure 31.
100
200
400
MSET
GND
IMODP
IMODN
ADN2531
VCC
FROM CPA STAGE
IMOD
Figure 31. Generation of Modulation Current on the ADN2531
The dc current is switched by the data signal applied to the
input stage (DATAP and DATAN pins) and gained up by the
output stage to generate the differential modulation current at
the IMODP and IMODN pins. The output stage also generates
the active back-termination, which provides proper transmission
line termination. Active back-termination uses feedback around
an active circuit to synthesize a broadband termination resistance.
This provides excellent transmission line termination while
dissipating less power than a traditional resistor passive back-
termination. No portion of the modulation current flows in the
active back-termination resistance. All of the preset modulation
current (IMOD), the range of which is specified in Table 1, flows
into the external load.


Similar Part No. - ADN2531ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
More results

Similar Description - ADN2531ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com