Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2531ACPZ-WP Datasheet(PDF) 10 Page - Analog Devices

Part No. ADN2531ACPZ-WP
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2531ACPZ-WP Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADN2531
Rev. 0 | Page 10 of 20
TEST CIRCUIT
MSET
CPA
ALS
GND
BSET IBMON IBIAS
GND
VCC
IMODP
IMODN
VCC
J8
J5
VEE
VEE
TP1
10nF
ADN2531
10µF
VEE
GND
GND
GND
GND
GND
GND
GND
GND
GND
50
50
OSCILLOSCOPE
BIAS TEE: PICOSECOND PULSE LABS MODEL 5542-219
ADAPTER: PASTERNACK PE9436 2.92mm
FEMALE-TO-FEMALE ADAPTER
ATTENUATOR: PASTERNACK PE7046-10 2.92mm
10dB ATTENUATOR
ADAPTER
VBSET
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
50
50
200
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
750
VEE
VEE
VMSET
GND
GND
GND
VEE
VCPA
TP2
10
10nF
GND
VEE
J2
GND
GND
GND
GND
VCC
VCC
DATAN
DATAP
GND
GND
GND
J3
GND
GND
BIAS TEE
BIAS TEE
ADAPTER
ATTENUATOR
ATTENUATOR
DC BLOCK
DC BLOCK
Figure 22. High Speed Characterization Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn