Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2531ACPZ-WP Datasheet(PDF) 1 Page - Analog Devices

Part No. ADN2531ACPZ-WP
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2531ACPZ-WP Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
11.3 Gbps, Active Back-Termination,
Differential Laser Diode Driver
ADN2531
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
3.3 V operation
Up to 11.3 Gbps operation
Typical 26 ps rise/fall times
Bias current range: 10 mA to 100 mA
Differential modulation current range: 10 mA to 80 mA
Voltage input control for bias and modulation currents
Data inputs sensitivity: 150 mV p-p differential
Automatic laser shutdown (ALS)
Crosspoint adjustment (CPA)
VCSEL, FP, DFB laser support
SFF/SFP/XFP/SFP+ MSA compliant
Optical evaluation board available
Compact, 3 mm × 3 mm LFCSP
APPLICATIONS
Optical transmitters, up to 11.3 Gbps, for SONET/SDH,
Ethernet, and Fibre Channel applications
SFF/SFP/SFP+/XFP/X2/XENPAK/XPAK MSA compliant
300-pin optical modules, up to 11.3 Gbps
GENERAL DESCRIPTION
The ADN2531 laser diode driver can work with directly
modulated laser diodes, including vertical-cavity surface-emitting
laser (VCSEL), Fabry-Perot (FP) lasers, and distributed feedback
(DFB) lasers, with a differential loading resistance ranging from
5 Ω to 140 Ω. The active back-termination in the ADN2531
absorbs signal reflections from the laser diode side of the output
transmission lines, enabling excellent optical eye quality even when
the TOSA end of the output transmission lines is significantly
mismatched. The ADN2531 is a SFP+ MSA-compliant device,
and its small package and enhanced ESD protection provides
the optimum solution for compact modules in which laser
diodes are packaged in low pin-count optical subassemblies.
The modulation and bias currents are programmable via the
MSET and BSET control pins. By driving these pins with control
voltages, the user has the flexibility to implement various average
optical power and extinction ratio control schemes, including a
closed-loop or a look-up table control. The automatic laser shut-
down (ALS) feature allows turning the bias on and off while
simultaneously modulating currents by driving the ALS pin with
a low voltage transistor-to-transistor logic (LVTTL) source.
The product is available in a space-saving, 3 mm × 3 mm LFCSP
package and operates from −40°C to +100°C.
FUNCTIONAL BLOCK DIAGRAM
100
200
400
200
10
VCC
DATAP
DATAN
MSET
GND
BSET
IBMON
IBIAS
IMODP
IMODN
ADN2531
VCC
ALS
GND
VCC
VCC
50
50
CPA
200
800
CROSSPOINT
ADJUST
IMOD
Figure 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn