Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2531ACPZ-WP Datasheet(PDF) 7 Page - Analog Devices

Part No. ADN2531ACPZ-WP
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2531ACPZ-WP Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADN2531
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 3.3 V, crosspoint adjust disabled, unless otherwise noted.
5
0
10
15
20
25
30
35
10
30
50
70
IMOD (mA)
Figure 4. Rise Time vs. IMOD
0
5
10
15
20
25
30
35
10
20
30
40
50
60
70
80
IMOD (mA)
Figure 5. Fall Time vs. IMOD
FREQUENCY (GHz)
15
0
1234
567
89
10 11 12 13 14
0
–40
–35
–30
–25
–20
–15
–10
–5
Figure 6. Differential |S11|
0
2
4
6
8
10
10
20
30
40
50
60
70
80
IMOD (mA)
11.3GBPS
10.7GBPS
Figure 7. Deterministic Jitter vs. IMOD
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
20
30
40
50
60
70
80
IMOD (mA)
Figure 8. Random Jitter vs. IMOD
–35
–30
–25
–20
–15
–10
–5
0
0
2.5
5.0
7.5
10.0
12.5
15.0
FREQUENCY (GHz)
Figure 9. Differential |S22|


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn