Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2582EBRWZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2582EBRWZ-REEL7
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2582EBRWZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADM2582EBRWZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2582EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 5 of 20
ADM2582E/ADM2587E REGULATORY INFORMATION
Table 5. Pending ADM2582E/ADM2587E Approvals
Organization
Approval Type
Notes
UL
To be recognized under the Component
Recognition Program of Underwriters
Laboratories, Inc.
In accordance with UL 1577, each ADM2582E/ADM2587E is proof tested
by applying an insulation test voltage ≥ 3000 V rms for 1 second.
VDE
To be certified according to
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
In accordance with VDE 0884-10, each ADM2582E/ADM2587E is proof
tested by applying an insulation test voltage ≥ 1050 VPEAK for 1 second.
ADM2582E/ADM2587E INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
>8.0
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
>8.0
mm
Measured from input terminals to output terminals,
shortest distance along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303-1
Isolation Group
IIIa
Material Group (DIN VDE 0110: 1989-01, Table 1)
ADM2582E/ADM2587E VDE 0884 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by
means of protective circuits.
Table 7.
Description
Conditions
Symbol
Characteristic
Unit
CLASSIFICATIONS
Installation Classification per DIN VDE 0110 for
Rated Mains Voltage
≤150 V rms
I to IV
≤300 V rms
I to III
≤400 V rms
I to II
Climatic Classification
40/85/21
Pollution Degree
DIN VDE 0110, see Table 1
2
VOLTAGE
Maximum Working Insulation Voltage
VIORM
560
V peak
Input-to-Output Test Voltage
VPR
Method b1
VIORM × 1.875 = VPR, 100% production tested,
tm = 1 sec, partial discharge < 5 pC
1050
V peak
Method a
After Environmental Tests, Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
896
V peak
After Input and/or Safety Test,
Subgroup 2/Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
672
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 sec
VTR
4000
V peak
SAFETY-LIMITING VALUES
Maximum value allowed in the event of a failure
Case Temperature
TS
150
°C
Input Current
IS, INPUT
265
mA
Output Current
IS, OUTPUT
335
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω


Similar Part No. - ADM2582EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582EBRWZ-REEL7 AD-ADM2582EBRWZ-REEL7 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
More results

Similar Description - ADM2582EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com