Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HB536A-TRE Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HB536A-TRE
Description  Automotive: Dashboards, stop lamps, turn signals.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HB536A-TRE Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-HB536A-TRE Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HB536A-TRE Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HB
B5
53
36
6A
A--T
TR
RE
E
SINCE 1981
Features:
Package Dimensions:
1. Emitted Color : Super Blue
2. Lens Appearance : Water Clear
3. Mono-color type.
4. 1.6x0.8x0.6mm(0603) standard package
5. Suitable for all SMT assembly methods.
6. Compatible with infrared and vapor phase
reflow solder process.
7. Compatible with automatic placement
equipment.
8. This product doesn’t contain restriction
Substance, comply ROHS standard.
Applications:
1. Automotive: Dashboards, stop lamps,
turn signals.
2. Backlighting: LCDs, Key pads advertising.
3. Status indicators: Comsumer & industrial
electronics.
4. General use.
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
120
mW
Forward Current
IF
30
mA
Peak Forward Current
1
IFP
100
mA
Reverse Volage
VR
5
V
Operating Temperature
Topr
-25℃~80℃
-
Storage Temperature
Tstg
-30℃~85℃
-
Soldering Temperature
Tsol
See Page 6
-
1 Condition for IFp is pulse of 1/10 duty and 0.1msec width.
NOTES:
1.All dimensions are in millimeters (inches).
2.Tolerance is ± 0.10mm (0.004”) unless otherwise specified.
3.Specifications are subject to change without notice.
Ver.1.0 Page 1 of 7


Similar Part No. - BL-HB536A-TRE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HB536A-TR BRIGHT-BL-HB536A-TR Datasheet
337Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
BL-HB536A-TRB BRIGHT-BL-HB536A-TRB Datasheet
310Kb / 7P
   Super Blue Suitable for all SMT assembly methods.
logo
American Bright OPTOELE...
BL-HB536A-TRB AMERICANBRIGHT-BL-HB536A-TRB Datasheet
319Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
BL-HB536A-TRB-EP AMERICANBRIGHT-BL-HB536A-TRB-EP Datasheet
237Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
More results

Similar Description - BL-HB536A-TRE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HB533-TRE BRIGHT-BL-HB533-TRE Datasheet
229Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB33-TRE BRIGHT-BL-HUB33-TRE Datasheet
229Kb / 8P
   Automotive: Dashboards, stop lamps, turn signals.
BL-HUBB533B-TRB BRIGHT-BL-HUBB533B-TRB Datasheet
276Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HG033-AV-TRB BRIGHT-BL-HG033-AV-TRB Datasheet
235Kb / 7P
   Automotive : Dashboards, stop lamps, turn signals
BL-HUB36G-AV-TRB BRIGHT-BL-HUB36G-AV-TRB Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BZ-HB533-AV-TRB BRIGHT-BZ-HB533-AV-TRB Datasheet
226Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BL-HGK33-AV-TRB BRIGHT-BL-HGK33-AV-TRB Datasheet
271Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36A-AV-TRB BRIGHT-BL-HUB36A-AV-TRB Datasheet
251Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HJE36A-AV-TR BRIGHT-BL-HJE36A-AV-TR Datasheet
232Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HS135A-AV-TRB BRIGHT-BL-HS135A-AV-TRB Datasheet
216Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36G-AV-TR BRIGHT-BL-HUB36G-AV-TR Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com