Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12HY64J0VLL Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # SC9S12HY64J0VLL
Description  S12 Microcontrollers
Download  790 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12HY64J0VLL Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button SC9S12HY64J0VLL Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9S12HY64J0VLL Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 790 page
background image
Device Overview MC9S12HY/HA-Family
MC9S12HY/HA-Family Reference Manual, Rev. 1.04
38
Freescale Semiconductor
1.7.3
Detailed Signal Descriptions
1.7.3.1
EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the internal reference clock. XTAL is the oscillator output.
1.7.3.2
RESET — External Reset Pin
The RESET pin is an active low bidirectional control signal. It acts as an input to initialize the MCU to a
known start-up state, and an output when an internal MCU function causes a reset. The RESET pin has an
internal pull-up device.
1.7.3.3
TEST — Test Pin
This input only pin is reserved for factory test. This pin has an internal pull-down device.
NOTE
The TEST pin must be tied to VSSA in all applications.
1.7.3.4
BKGD / MODC — Background Debug and Mode Pin
The BKGD/MODC pin is used as a pseudo-open-drain pin for the background debug communication. It
is used as a MCU operating mode select pin during reset. The state of this pin is latched to the MODC bit
at the rising edge of RESET. The BKGD pin has an internal pull-up device.
1.7.3.5
PAD[7:0] / AN[7:0] / KWAD[7:0]— Port AD Input Pins of ATD [7:0]
PAD[7:0] are a general-purpose input or output pins and analog inputs AN[7:0] of the analog-to-digital
converter ATD. They can be configured as keypad wakeup inputs.
1.7.3.6
PA[7:4] / FP[36:33]— Port A I/O Pins [7:4]
PA[7:4] are a general-purpose input or output pins. They can be configured as frontplane segment driver
outputs FP[36:33].
1.7.3.7
PA[3:2] / API_EXTCLK / FP[32:31]— Port A I/O Pins [3:2]
PA[3:2] are a general-purpose input or output pins. They can be configured as frontplane segment driver
outputs FP[32:31]. PA3 can also be configure as API_EXTCLK.
1.7.3.8
PA1 / XIRQ / FP[30]— Port A I/O Pin 1
PA1 is a general-purpose input or output pin. It can be configured as frontplane segment driver outputs
FP[30]. It also provide the non-maskable interrupt request input that provides a means of applying
asynchronous interrupt requests. This will wake up the MCU from stop or wait mode. The XIRQ interrupt


Similar Part No. - SC9S12HY64J0VLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12G128F0CFTR FREESCALE-SC9S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLCR FREESCALE-SC9S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLFR FREESCALE-SC9S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLHR FREESCALE-SC9S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLLR FREESCALE-SC9S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - SC9S12HY64J0VLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12P32CFT FREESCALE-MC9S12P32CFT Datasheet
7Mb / 566P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128 Datasheet
6Mb / 564P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128_10 Datasheet
6Mb / 566P
   S12 Microcontrollers
S912XHY128F0VLM FREESCALE-S912XHY128F0VLM Datasheet
10Mb / 802P
   S12 Microcontrollers
logo
NXP Semiconductors
MC9S12G NXP-MC9S12G Datasheet
8Mb / 1276P
   S12 Microcontrollers
Rev.1.28 December 7, 2020
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
   Integrated S12 Based Relay Driver with LIN
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
   30 mm Contact Element S12
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
   Integrated S12 Based Relay Driver with LIN
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com