Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12HY64J0MLH Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SC9S12HY64J0MLH
Description  S12 Microcontrollers
Download  790 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12HY64J0MLH Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SC9S12HY64J0MLH Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9S12HY64J0MLH Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 790 page
background image
NOTE
For devices assembled in 64-pin package all non-bonded out pins should be configured as outputs after
reset in order to avoid current drawn from floating inputs. Refer to Table 1-8 for affected pins.
92
58
VDDA
VRH
93
59
PAD00
AN00
KWAD0
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
94
60
PAD01
AN01
KWAD1
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
95
61
PAD02
AN02
KWAD2
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
96
62
PAD03
AN03
KWAD3
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
97
63
PAD04
AN04
KWAD4
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
98
64
PAD05
AN05
KWAD5
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
99
PAD06
AN06
KWAD6
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
100
PAD07
AN07
KWAD7
VDDA
PERAD
Disabled
Port AD I/O, analog input of
ATD, key wakeup
1. Table shows a superset of pin functions. Not all functions are available on all derivatives
2. When Routing the IIC to PR/PH port, in order to overwrite the internal pull-down during reset, the external IIC pull-up resistor should be < =4.7K
3. When IRQ/XIRQ is enabled, the internal pull-down function will be disabled, the external pull-up resistor is required
4. VDDPLL is a internal 1.8V voltage supply
Table 1-8. Pin-Out Summary(1) (Sheet 8 of 8)
Package
Pin
Function
Power
Supply
Internal Pull
Resistor
Description
LQ
FP
100
LQ
FP
64
Pin
2nd
Func.
3rd
Func.
4th
Func.
5th
Func.
6th
Func.
CTRL
Reset
State


Similar Part No. - SC9S12HY64J0MLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12G128F0CFTR FREESCALE-SC9S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLCR FREESCALE-SC9S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLFR FREESCALE-SC9S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLHR FREESCALE-SC9S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLLR FREESCALE-SC9S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - SC9S12HY64J0MLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12P32CFT FREESCALE-MC9S12P32CFT Datasheet
7Mb / 566P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128 Datasheet
6Mb / 564P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128_10 Datasheet
6Mb / 566P
   S12 Microcontrollers
S912XHY128F0VLM FREESCALE-S912XHY128F0VLM Datasheet
10Mb / 802P
   S12 Microcontrollers
logo
NXP Semiconductors
MC9S12G NXP-MC9S12G Datasheet
8Mb / 1276P
   S12 Microcontrollers
Rev.1.28 December 7, 2020
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
   Integrated S12 Based Relay Driver with LIN
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
   30 mm Contact Element S12
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
   Integrated S12 Based Relay Driver with LIN
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com