Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12HY64J0VLH Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SC9S12HY64J0VLH
Description  S12 Microcontrollers
Download  790 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12HY64J0VLH Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SC9S12HY64J0VLH Datasheet HTML 51Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 52Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 53Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9S12HY64J0VLH Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 790 page
background image
Port Integration Module (S12HYPIMV1)
MC9S12HY/HA-Family Reference Manual, Rev. 1.04
Freescale Semiconductor
55
Table 2-1 shows all the pins and their functions that are controlled by the Port Integration Module.
NOTE
If there is more than one function associated with a pin, the priority is
indicated by the position in the table from top (highest priority) to bottom
(lowest priority).
Table 2-1. Pin Functions and Priorities
Port
Pin Name
Pin Function
& Priority1
I/O
Description
Pin Function
after Reset
-
BKGD
MODC 2
I
MODC input during RESET
BKGD
BKGD
I/O BDM communication pin
AD
PAD[7:0]
AN[7:0]
I
ATD analog
GPIO
KWAD[7:0]
I
Key Wakeup
GPIO
I/O General purpose
A
PA[7:4]
FP[36:33]
O
LCD frontplane segment driver output
GPIO
GPIO
I/O General purpose
PA[3]
FP[32]
O
LCD frontplane segment driver output
API_EXTCLK
O
API output
GPIO
I/O General purpose
PA[2]
FP[31]
O
LCD frontplane segment driver output
GPIO
I/O General purpose
PA[1]
FP[30]
O
LCD frontplane segment driver output
XIRQ
I
Non-maskable level-sensitive interrupt
GPIO
I/O General purpose
PA[0]
FP[29]
O
LCD frontplane segment driver output
IRQ
I
Maskable level or falling edge-sensitive interrupt
GPIO
I/O General purpose
B
PB[7:4]
BP[3:0]
O
LCD backplane segment driver output
GPIO
GPIO
I/O General purpose
PB[3:0]
FP[39:37,28]
O
LCD frontplane segment driver output
GPIO
I/O General purpose


Similar Part No. - SC9S12HY64J0VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12G128F0CFTR FREESCALE-SC9S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLCR FREESCALE-SC9S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLFR FREESCALE-SC9S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLHR FREESCALE-SC9S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLLR FREESCALE-SC9S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - SC9S12HY64J0VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12P32CFT FREESCALE-MC9S12P32CFT Datasheet
7Mb / 566P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128 Datasheet
6Mb / 564P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128_10 Datasheet
6Mb / 566P
   S12 Microcontrollers
S912XHY128F0VLM FREESCALE-S912XHY128F0VLM Datasheet
10Mb / 802P
   S12 Microcontrollers
logo
NXP Semiconductors
MC9S12G NXP-MC9S12G Datasheet
8Mb / 1276P
   S12 Microcontrollers
Rev.1.28 December 7, 2020
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
   Integrated S12 Based Relay Driver with LIN
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
   30 mm Contact Element S12
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
   Integrated S12 Based Relay Driver with LIN
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com