Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12HY64J0CLH Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # SC9S12HY64J0CLH
Description  S12 Microcontrollers
Download  790 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12HY64J0CLH Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button SC9S12HY64J0CLH Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9S12HY64J0CLH Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 790 page
background image
Device Overview MC9S12HY/HA-Family
MC9S12HY/HA-Family Reference Manual, Rev. 1.04
42
Freescale Semiconductor
1.7.3.33
PT[3:0] / IOC1[7:4] /KWT [3:0] / FP[11:8] — Port T I/O Pin [3:0]
PT[3:0] are a general-purpose input or output pins. They can be configured as frontplane segment driver
outputs FP[11:8]. They can be configured as timer (TIM1) channels 7-4. They can be configured as key
wakeup inputs.
1.7.3.34
PU[7] / M1C1P— Port U I/O Pin [7]
PU[7] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 1.
1.7.3.35
PU[6] / IOC0_3 / M1C1M— Port U I/O Pin [6]
PU[6] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 1. It can aslo be configured as timer
(TIM0) channel 3
1.7.3.36
PU[5] / M1C0P— Port U I/O Pin [5]
PU[5] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 1.
1.7.3.37
PU[4] / IOC0_2 / M1C0M— Port U I/O Pin [4]
PU[4] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 1. It can aslo be configured as timer
(TIM0) channel 2
1.7.3.38
PU[3] / M0C1P— Port U I/O Pin [3]
PU[3] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 0.
1.7.3.39
PU[2] / IOC0_1 / M0C1M— Port U I/O Pin [2]
PU[2] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 0. It can aslo be configured as
timer(TIM0) channel 1
1.7.3.40
PU[1] / M0C0P— Port U I/O Pin [1]
PU[1] is a general-purpose input or output pin. It can be configured as high current PWM output pin which
can be used for motor drive. The pin interfaces to the coils of motor 0.


Similar Part No. - SC9S12HY64J0CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12G128F0CFTR FREESCALE-SC9S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLCR FREESCALE-SC9S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLFR FREESCALE-SC9S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLHR FREESCALE-SC9S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLLR FREESCALE-SC9S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - SC9S12HY64J0CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12P32CFT FREESCALE-MC9S12P32CFT Datasheet
7Mb / 566P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128 Datasheet
6Mb / 564P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128_10 Datasheet
6Mb / 566P
   S12 Microcontrollers
S912XHY128F0VLM FREESCALE-S912XHY128F0VLM Datasheet
10Mb / 802P
   S12 Microcontrollers
logo
NXP Semiconductors
MC9S12G NXP-MC9S12G Datasheet
8Mb / 1276P
   S12 Microcontrollers
Rev.1.28 December 7, 2020
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
   Integrated S12 Based Relay Driver with LIN
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
   30 mm Contact Element S12
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
   Integrated S12 Based Relay Driver with LIN
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com