Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1381BCPZ-RL Datasheet(PDF) 45 Page - Analog Devices

Part # ADAU1381BCPZ-RL
Description  Low Noise Stereo Codec with Enhanced Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1381BCPZ-RL Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAU1381BCPZ-RL Datasheet HTML 41Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 42Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 43Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 44Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 45Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 46Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 47Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 48Page - Analog Devices ADAU1381BCPZ-RL Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
ADAU1381
Rev. 0| Page 45 of 84
Register 16385 (0x4001), Regulator Control
Bits[2:1], Regulator Output Level
These bits set the regulated voltage output for the digital core,
DVDDOUT. After the initialization sequence has completed,
the regulator output is set to 1.4 V. The recommended regulator
output level when the device begins to process audio is 1.5 V.
Therefore, this register should be set to 1.5 V when the sound
engine is being configured.
Register 16386 (0x4002), PLL Control
This is a 48-bit register that must be written to in a single burst
write. PLL operating parameters are used to scale the MCLK
input to the desired clock core in order to obtain an appropriate
PLL clock (PLL output frequency). The PLL can be configured
for either fractional or integer-N type MCLK inputs.
Bits[47:40], Denominator MSB
Byte 1, M[15:8] of the denominator (M) for fractional part of feed-
back divider. This is concatenated with Denominator LSB, M[7:0].
Bits[39:32], Denominator LSB
Byte 0, M[7:0] of the denominator (M) for fractional part of feed-
back divider. This is concatenated with Denominator MSB, M[15:8].
Bits[31:24], Numerator MSB
Byte 1, N[15:8] of the numerator (N) for fractional part of the feed-
back divider. This is concatenated with Numerator LSB, N[7:0].
Bits[23:16], Numerator LSB
Byte 0, N[7:0] of the numerator (N) for fractional part of the feed-
back divider. This is concatenated with Numerator MSB, N[15:8].
Bits[14:11], Integer
Integer (R) parameter used in both integer-N and fractional
PLL operation. This value must be between 2 and 8.
Bits[10:9], Input Divider
The input divider (X) divides the input clock to offer a wider
range of input clocks.
Bit 8, PLL Type
This selects the type of PLL operation, fractional or integer-N.
Fractional Type PLL
Fractional type MCLK inputs are scaled to the corresponding
desired core clock input using the parameters outlined in Table 33
and Table 34 as examples of typical base sampling frequencies
(44.1 kHz and 48 kHz). A numerical-controlled oscillator is
used to divide the PLL_CLK by a mixed number given by the
addition of the integer part (R) and fractional part (N/M).
For example, if the MCLK is 12 MHz, the required clock is
12.288 MHz, and fS is 48 kHz, then the PLL clock is 49.152 MHz
because PLL clock is always 1024 × fS; therefore,
PLL Clock/MCLK = 4.096 = 4 + (12/125) = R + (N/M)
In this case, the input divider is X = 1.
This allows the MCLK input to emulate the desired required clock
and output a 49.152 MHz PLL clock. Figure 30 shows how the PLL
uses the parameters to emulate the required 12.288 MHz clock.
Integer-N Type PLL
Integer-N type MCLK inputs are any integer multiple of the
desired core clock. The fractional part (N/M) is 0; however, the
PLL type bit must be set for integer-N.
Bit 1, PLL Lock
The PLL lock bit is a read-only bit. Reading a 1 from this bit
indicates that the PLL has locked to the input master clock.
Bit 0, PLL Enable
This bit enables the PLL.
Table 31. Regulator Control Register
Bits
Description
Default
[7:3]
Reserved
[2:1]
Regulator output level
01
00: 1.5 V
01: 1.4 V
10: 1.6 V
11: 1.7 V
0
Reserved


Similar Part No. - ADAU1381BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
More results

Similar Description - ADAU1381BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com