Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1381BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAU1381BCPZ
Description  Low Noise Stereo Codec with Enhanced Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1381BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAU1381BCPZ Datasheet HTML 21Page - Analog Devices ADAU1381BCPZ Datasheet HTML 22Page - Analog Devices ADAU1381BCPZ Datasheet HTML 23Page - Analog Devices ADAU1381BCPZ Datasheet HTML 24Page - Analog Devices ADAU1381BCPZ Datasheet HTML 25Page - Analog Devices ADAU1381BCPZ Datasheet HTML 26Page - Analog Devices ADAU1381BCPZ Datasheet HTML 27Page - Analog Devices ADAU1381BCPZ Datasheet HTML 28Page - Analog Devices ADAU1381BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
ADAU1381
Rev. 0| Page 25 of 84
STARTUP, INITIALIZATION, AND POWER
This section details the procedure for setting up the ADAU1381
properly. Figure 27 provides an overview of how to initialize the IC.
START
CONFIGURE CLOCK GENERATION
REGISTER 16384 (0x4000)
AND REGISTER 16386 (0x4002)
SUPPLY POWER TO AVDD1/AVDD2
PINS SIMULTANEOUSLY
SET UP SOUND ENGINE REGISTERS
FOR CUSTOMIZED SIGNAL PATH
(INCLUDING VOLUME, SAMPLE RATES,
FILTER COEFFICIENTS)
INITIALIZATION
COMPLETE
WAIT 14ms FOR POWER-ON RESET
AND INITIALIZATION ROM BOOT
SUPPLY POWER TO IOVDD
ENABLE DIGITAL POWER TO
FUNCTIONAL SUBSYSTEMS
REGISTER 16512 (0x4080)
AND REGISTER 16513 (0x4081)
WAIT FOR PLL LOCK
(2.4ms TO 3.5ms)
ARE AVDD1 AND AVDD2
SUPPLIED SEPARATELY?
CAN AVDD1 AND AVDD2
BE SIMULTANEOUSLY
SUPPLIED?
SUPPLY POWER
TO AVDD2
SUPPLY POWER
TO AVDD1
NO
YES
YES
NO
Figure 27. Initialization Sequence
POWER-UP SEQUENCE
If AVDD1 and AVDD2 are from the same supply, they can
power up simultaneously. If AVDD1 and AVDD2 are from
separate supplies, then AVDD1 should be powered up first.
IOVDD should be applied simultaneously with AVDD1, if
possible.
The ADAU1381 uses a power-on reset (POR) circuit to reset the
registers upon power-up. The POR monitors the DVDDOUT
pin and generates a reset signal whenever power is applied to
the chip. During the reset, the ADAU1381 is set to the default
values documented in the register map (see the Control Register
Map section).
The POR is also used to prevent clicks and pops on the speaker
driver output. The power-up sequencing and timing involved is
described in Figure 28 in this section, and in Figure 36
and Figure 37 of the Speaker Output section.
A self-boot ROM initializes the memories after the POR has
completed. When the self-boot sequence is complete, the control
registers are accessible via the I2C/SPI control port and should
then be configured as required for the application. Typically,
with a 10 μF capacitor on AVDD1, the power supply ramp-up,
POR, and self-boot combined take approximately 14 ms.
AVDD1
AVDD2
DVDDOUT
POWER-UP
(INTERNAL
SIGNAL)
INTERNAL MCLK
(NOT TO SCALE)
IOVDD
INPUT/OUTPUT
PINS
ACTIVE
1.35V
1.5V
0.95V
MAIN SUPPLY ENABLED
POR
ACTIVE
1.5V
MAIN SUPPLY DISABLED
14ms
HIGH-Z
HIGH-Z
POR COMPLETE/SELF-BOOT INITIATES
SELF-BOOT COMPLETE/MEMORY
IS ACCESSIBLE
POR ACTIVATES
Figure 28. Power-Up and Power-Down Sequence Timing Diagram


Similar Part No. - ADAU1381BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
More results

Similar Description - ADAU1381BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com