Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1381 Datasheet(PDF) 51 Page - Analog Devices

Part # ADAU1381
Description  Low Noise Stereo Codec with Enhanced Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1381 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAU1381 Datasheet HTML 47Page - Analog Devices ADAU1381 Datasheet HTML 48Page - Analog Devices ADAU1381 Datasheet HTML 49Page - Analog Devices ADAU1381 Datasheet HTML 50Page - Analog Devices ADAU1381 Datasheet HTML 51Page - Analog Devices ADAU1381 Datasheet HTML 52Page - Analog Devices ADAU1381 Datasheet HTML 53Page - Analog Devices ADAU1381 Datasheet HTML 54Page - Analog Devices ADAU1381 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
ADAU1381
Rev. 0| Page 51 of 84
Register 16399 (0x400F), Record Gain Right PGA
The record gain right PGA control register controls the right
channel input PGA. This register configures the input for either
differential or single-ended signals and sets the right channel
input recording volume.
Bits[7:5], Right Input Gain
These bits set the right channel analog microphone input PGA gain.
Bit 2, Single-Ended Right Input Enable
If this bit is high (enabled), a single-ended input can be input on
the RMIC pin and gained by the PGA. The positive differential
input pin (RMICP) is disabled, and the complementary input of
the PGA is switched to common mode.
Bit 1, Record Path Right Mute
This bit mutes the entire right channel input PGA.
Bit 0, Right PGA Enable
This bit enables the right channel PGA.
Table 38. Record Gain Right PGA Register
Bits
Description
Default
[7:5]
Right input gain
000
000: 0 dB
001: 6 dB
010: 10 dB
011: 14 dB
100: 17 dB
101: 20 dB
110: 26 dB
111: 32 dB
[4:3]
Reserved
2
Single-ended right input enable
0
0: disabled
1: enabled
1
Record path right mute
0
0: muted
1: unmuted
0
Right PGA enable
0
0: disabled
1: enabled


Similar Part No. - ADAU1381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
More results

Similar Description - ADAU1381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com