Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9231BCPZ-80 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9231BCPZ-80
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231BCPZ-80 Datasheet(HTML) 4 Page - Analog Devices

  AD9231BCPZ-80 Datasheet HTML 1Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9231BCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9231
Rev. 0 | Page 4 of 36
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 1.
Parameter
Temp
AD9231-20/AD9231-40
AD9231-65
AD9231-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
0.05
±0.5
0.05
±0.5
0.05
±0.5
% FSR
Gain Error1
Full
−1.5
−1.5
−1.5
% FSR
Differential Nonlinearity (DNL)2
Full
±0.30
±0.40
±0.40
LSB
25°C
±0.12
±0.17
±0.2
LSB
Integral Nonlinearity (INL)2
Full
±0.45
±0.50
±0.65
LSB
25°C
±0.15
±0.17
±0.2
LSB
MATCHING CHARACTERISTICS
Offset Error
25°C
±0.0
±0.70
±0.0
±0.60
±0.0
±0.60
% FSR
Gain Error1
25°C
0.3
0.3
0.4
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.981
0.993
1.005
0.981
0.993
1.005
0.981
0.993
1.005
V
Load Regulation Error at 1.0 mA
Full
2
2
2
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.25
0.25
0.25
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance3
Full
6
6
6
pF
Input Common-Mode Voltage
Full
0.9
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
0.5
1.3
V
REFERENCE INPUT RESISTANCE
Full
7.5
7.5
7.5
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.6
1.7
3.6
1.7
3.6
V
Supply Current
IAVDD2
Full
35.7/49.0
37.7/52.2
69
72.4
80.0
83.4
mA
IDRVDD2 (1.8 V)
Full
3.0/5.1
7.4
9.1
mA
IDRVDD2 (3.3 V)
Full
5.9/10.1
14.9
18.3
mA
POWER CONSUMPTION
DC Input
Full
63.5/87.1
122.9
141.8
mW
Sine Wave Input2 (DRVDD = 1.8 V)
Full
69.7/97.3
73.3/103.0
138.0
143.8
160.4
166.5
mW
Sine Wave Input2 (DRVDD = 3.3 V)
Full
83.7/121.5
173.4
204
mW
Standby Power4
Full
37/37
37
37
mW
Power-Down Power
Full
2.2
2.2
2.2
mW
1 Measured with 1.0 V external reference.
2 Measured with a 10 MHz input frequency at rated sample rate, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
4 Standby power is measured with a dc input and the CLK active.


Similar Part No. - AD9231BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9231BCPZ-80 AD-AD9231BCPZ-80 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9231BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com