Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08SG16E1WTGR Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # S9S08SG16E1WTGR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08SG16E1WTGR Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button S9S08SG16E1WTGR Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 49Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 50Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 51Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 52Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 53Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 54Page - Freescale Semiconductor, Inc S9S08SG16E1WTGR Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 328 page
background image
Chapter 4 Memory
MC9S08SG32 Data Sheet, Rev. 7
Freescale Semiconductor
51
4.5.5
Access Errors
An access error occurs whenever the command execution protocol is violated.
Any of the following specific actions will cause the access error flag (FACCERR) in FSTAT to be set.
Before any command can be processed, write a 1 to FACCERR in FSTAT to clear the access error flag
(FACCERR).
Writing to a FLASH address before the internal FLASH clock frequency has been set by writing
to the FCDIV register
Writing to a FLASH address while FCBEF is not set (A new command cannot be started until the
command buffer is empty.)
Writing a second time to a FLASH address before launching the previous command (There is only
one write to FLASH for every command.)
Writing a second time to FCMD before launching the previous command (There is only one write
to FCMD for every command.)
Writing to any FLASH control register other than FCMD after writing to a FLASH address
Writing any command code other than the five allowed codes (0x05, 0x20, 0x25, 0x40, or 0x41)
to FCMD
Writing any FLASH control register other than the write to FSTAT (to clear FCBEF and launch the
command) after writing the command to FCMD
The MCU enters stop mode while a program or erase command is in progress (The command is
aborted.)
Writing the byte program, burst program, or page erase command code (0x20, 0x25, or 0x40) with
a background debug command while the MCU is secured (The background debug controller can
only do blank check and mass erase commands when the MCU is secure.)
Writing 0 to FCBEF to cancel a partial command
4.5.6
FLASH Block Protection
The block protection feature prevents the protected region of FLASH from program or erase changes.
Block protection is controlled through the FLASH protection register (FPROT). When enabled, block
protection begins at any 512 byte boundary below the last address of FLASH, 0xFFFF. (See Section 4.7.4,
“FLASH Protection Register (FPROT and NVPROT)”).
After exit from reset, FPROT is loaded with the contents of the NVPROT location, which is in the
nonvolatile register block of the FLASH memory. FPROT cannot be changed directly from application
software so a runaway program cannot alter the block protection settings. Because NVPROT is within the
last 512 bytes of FLASH, if any amount of memory is protected, NVPROT is itself protected and cannot
be altered (intentionally or unintentionally) by the application software. FPROT can be written through
background debug commands, which allows a way to erase and reprogram a protected FLASH memory.
The block protection mechanism is illustrated in Figure 4-4. The FPS bits are used as the upper bits of the
last address of unprotected memory. This address is formed by concatenating FPS7:FPS1 with logic 1 bits
as shown. For example, to protect the last 1536 bytes of memory (addresses 0xFA00 through 0xFFFF), the
FPS bits must be set to 1111 100, which results in the value 0xF9FF as the last address of unprotected


Similar Part No. - S9S08SG16E1WTGR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SG4 FREESCALE-S9S08SG4 Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CRSCR FREESCALE-S9S08SG4E2CRSCR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTGR FREESCALE-S9S08SG4E2CTGR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTJR FREESCALE-S9S08SG4E2CTJR Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CTJRR FREESCALE-S9S08SG4E2CTJRR Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - S9S08SG16E1WTGR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com