Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7194 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7194
Description  8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7194 Datasheet(HTML) 1 Page - Analog Devices

  AD7194 Datasheet HTML 1Page - Analog Devices AD7194 Datasheet HTML 2Page - Analog Devices AD7194 Datasheet HTML 3Page - Analog Devices AD7194 Datasheet HTML 4Page - Analog Devices AD7194 Datasheet HTML 5Page - Analog Devices AD7194 Datasheet HTML 6Page - Analog Devices AD7194 Datasheet HTML 7Page - Analog Devices AD7194 Datasheet HTML 8Page - Analog Devices AD7194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
8-Channel, 4.8 kHz, Ultralow Noise,
24-Bit Sigma-Delta ADC with PGA
AD7194
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fast settling filter option
8 differential/16 pseudo differential input channels
RMS noise: 11 nV at 4.7 Hz (gain = 128)
15.5 noise-free bits at 2.4 kHz (gain = 128)
Up to 22 noise-free bits (gain = 1)
Offset drift: ±5 nV/°C
Gain drift: ±1 ppm/°C
Programmable gain (1 to 128)
Output data rate: 4.7 Hz to 4.8 kHz
Internal or external clock
Simultaneous 50 Hz/60 Hz rejection
4 general-purpose digital outputs
Power supply
AVDD: 3 V to 5.25 V
DVDD: 2.7 V to 5.25 V
Current: 4.65 mA
Temperature range: −40°C to +105°C
Package: 32-lead LFCSP
Interface
3-wire serial
SPI, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
PLC/DCS analog input modules
Data acquisition
Strain gage transducers
Pressure measurement
Temperature measurement
Flow measurement
Weigh scales
Chromatography
Medical and scientific instrumentation
GENERAL DESCRIPTION
The AD7194 is a low noise, complete analog front end for high
precision measurement applications. It contains a low noise,
24-bit sigma-delta (Σ-Δ) analog-to-digital converter (ADC).
The on-chip low noise gain stage means that signals of small
amplitude can interface directly to the ADC.
The device can be configured to have eight differential inputs or
sixteen pseudo differential inputs. The on-chip 4.92 MHz clock
can be used as the clock source to the ADC or, alternatively, an
external clock or crystal can be used. The output data rate from
the part can be varied from 4.7 Hz to 4.8 kHz.
The device has a very flexible digital filter, including a fast
settling option. Variables such as output data rate and settling
time are dependent on the option selected. For applications that
require all conversions to be settled, the AD7194 includes zero
latency.
The part operates with a power supply from 3 V to 5.25 V. It
consumes a current of 4.65 mA, and it is housed in a 32-lead
LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
DVDD
DGND
REFIN1(+)
REFIN1(–)
AIN1/P3
AIN2/P2
AIN3/P1/REFIN2(+)
AIN4/P0/REFIN2(–)
AINCOM
AD7194
SERIAL
INTERFACE
AND
CONTROL
LOGIC
REFERENCE
DETECT
TEMP
SENSOR
DOUT/RDY
DIN
SCLK
CS
MCLK1 MCLK2
CLOCK
CIRCUITRY
AVDD
AGND
AIN5
AIN16
Σ-Δ
ADC
PGA
MUX
AVDD
AGND
Figure 1.


Similar Part No. - AD7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7194 AD-AD7194 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7194BCPZ AD-AD7194BCPZ Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7194BCPZ-REEL AD-AD7194BCPZ-REEL Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7194BCPZ-REEL7 AD-AD7194BCPZ-REEL7 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results

Similar Description - AD7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com