Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08SG16E1VTJR Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # S9S08SG16E1VTJR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08SG16E1VTJR Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button S9S08SG16E1VTJR Datasheet HTML 66Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 67Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 73Page - Freescale Semiconductor, Inc S9S08SG16E1VTJR Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 328 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG32 Data Sheet, Rev. 7
70
Freescale Semiconductor
5.7.5
System Device Identification Register (SDIDH, SDIDL)
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific memory
blocks, registers, and control bits are located in a target MCU.
Figure 5-6. System Device Identification Register — High (SDIDH)
76543210
R1
ID11
ID10
ID9
ID8
W
Reset:
11
1 - Bit 7 is a mask option tie off that is used internally to determine that the device is a MC9S08SG32 Series.
0000
= Unimplemented or Reserved
Table 5-7. SDIDH Register Field Descriptions
Field
Description
7
Bit 7 will read as a 1 for the MC9S08SG32 Series devices; writes have no effect.
6:4
Reserved
Bits 6:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SG32 is hard coded to the value 0x01A. See also ID bits in Table 5-8.
76543210
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
00011010
= Unimplemented or Reserved
Figure 5-7. System Device Identification Register — Low (SDIDL)
Table 5-8. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SG32 is hard coded to the value 0x01A. See also ID bits in Table 5-7.


Similar Part No. - S9S08SG16E1VTJR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SG4 FREESCALE-S9S08SG4 Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CRSCR FREESCALE-S9S08SG4E2CRSCR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTGR FREESCALE-S9S08SG4E2CTGR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTJR FREESCALE-S9S08SG4E2CTJR Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CTJRR FREESCALE-S9S08SG4E2CTJRR Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - S9S08SG16E1VTJR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com