Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08SG16E1JTLR Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # S9S08SG16E1JTLR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08SG16E1JTLR Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button S9S08SG16E1JTLR Datasheet HTML 79Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 80Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 81Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 82Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 83Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 84Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 85Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 86Page - Freescale Semiconductor, Inc S9S08SG16E1JTLR Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 328 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SG32 Data Sheet, Rev. 7
Freescale Semiconductor
83
6.6.1.5
Port A Drive Strength Selection Register (PTADS)
6.6.1.6
Port A Interrupt Status and Control Register (PTASC)
76543210
R
PTADS7
PTADS6
R
R
PTADS3
PTADS2
PTADS1
PTADS0
W
Reset:
00000000
Figure 6-7. Drive Strength Selection for Port A Register (PTADS)
Table 6-6. PTADS Register Field Descriptions
Field
Description
7:5,3:0
PTADS[7:5,
3:0]
Output Drive Strength Selection for Port A Bits — Each of these control bits selects between low and high
output drive for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port A bit n.
1 High output drive strength selected for port A bit n.
5:4
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
76543210
R
0000
PTAIF
0
PTAIE
PTAMOD
W
PTAACK
Reset:
00000000
Figure 6-8. Port A Interrupt Status and Control Register (PTASC)
Table 6-7. PTASC Register Field Descriptions
Field
Description
3
PTAIF
Port A Interrupt Flag — PTAIF indicates when a port A interrupt is detected. Writes have no effect on PTAIF.
0 No port A interrupt detected.
1 Port A interrupt detected.
2
PTAACK
Port A Interrupt Acknowledge — Writing a 1 to PTAACK is part of the flag clearing mechanism. PTAACK
always reads as 0.
1
PTAIE
Port A Interrupt Enable — PTAIE determines whether a port A interrupt is enabled.
0 Port A interrupt request not enabled.
1 Port A interrupt request enabled.
0
PTAMOD
Port A Detection Mode — PTAMOD (along with the PTAES bits) controls the detection mode of the port A
interrupt pins.
0 Port A pins detect edges only.
1 Port A pins detect both edges and levels.


Similar Part No. - S9S08SG16E1JTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SG4 FREESCALE-S9S08SG4 Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CRSCR FREESCALE-S9S08SG4E2CRSCR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTGR FREESCALE-S9S08SG4E2CTGR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTJR FREESCALE-S9S08SG4E2CTJR Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CTJRR FREESCALE-S9S08SG4E2CTJRR Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - S9S08SG16E1JTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com