Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08SG16E1MTLR Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # S9S08SG16E1MTLR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08SG16E1MTLR Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button S9S08SG16E1MTLR Datasheet HTML 94Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 99Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 100Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 101Page - Freescale Semiconductor, Inc S9S08SG16E1MTLR Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 328 page
background image
Chapter 7 Central Processor Unit (S08CPUV3)
MC9S08SG32 Data Sheet, Rev. 7
98
Freescale Semiconductor
7.3.5
Extended Addressing Mode (EXT)
In extended addressing mode, the full 16-bit address of the operand is located in the next two bytes of
program memory after the opcode (high byte first).
7.3.6
Indexed Addressing Mode
Indexed addressing mode has seven variations including five that use the 16-bit H:X index register pair and
two that use the stack pointer as the base reference.
7.3.6.1
Indexed, No Offset (IX)
This variation of indexed addressing uses the 16-bit value in the H:X index register pair as the address of
the operand needed to complete the instruction.
7.3.6.2
Indexed, No Offset with Post Increment (IX+)
This variation of indexed addressing uses the 16-bit value in the H:X index register pair as the address of
the operand needed to complete the instruction. The index register pair is then incremented
(H:X = H:X + 0x0001) after the operand has been fetched. This addressing mode is only used for MOV
and CBEQ instructions.
7.3.6.3
Indexed, 8-Bit Offset (IX1)
This variation of indexed addressing uses the 16-bit value in the H:X index register pair plus an unsigned
8-bit offset included in the instruction as the address of the operand needed to complete the instruction.
7.3.6.4
Indexed, 8-Bit Offset with Post Increment (IX1+)
This variation of indexed addressing uses the 16-bit value in the H:X index register pair plus an unsigned
8-bit offset included in the instruction as the address of the operand needed to complete the instruction.
The index register pair is then incremented (H:X = H:X + 0x0001) after the operand has been fetched. This
addressing mode is used only for the CBEQ instruction.
7.3.6.5
Indexed, 16-Bit Offset (IX2)
This variation of indexed addressing uses the 16-bit value in the H:X index register pair plus a 16-bit offset
included in the instruction as the address of the operand needed to complete the instruction.
7.3.6.6
SP-Relative, 8-Bit Offset (SP1)
This variation of indexed addressing uses the 16-bit value in the stack pointer (SP) plus an unsigned 8-bit
offset included in the instruction as the address of the operand needed to complete the instruction.


Similar Part No. - S9S08SG16E1MTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SG4 FREESCALE-S9S08SG4 Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CRSCR FREESCALE-S9S08SG4E2CRSCR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTGR FREESCALE-S9S08SG4E2CTGR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTJR FREESCALE-S9S08SG4E2CTJR Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CTJRR FREESCALE-S9S08SG4E2CTJRR Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - S9S08SG16E1MTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com