Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08SG16E1VTLR Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # S9S08SG16E1VTLR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08SG16E1VTLR Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button S9S08SG16E1VTLR Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 25Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 26Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 27Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 28Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 29Page - Freescale Semiconductor, Inc S9S08SG16E1VTLR Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 328 page
background image
Chapter 2 Pins and Connections
MC9S08SG32 Data Sheet, Rev. 7
26
Freescale Semiconductor
Typically, application systems have two separate capacitors across the power pins. In this case, there
should be a bulk electrolytic capacitor, such as a 10-
μF tantalum capacitor, to provide bulk charge storage
for the overall system and a 0.1-
μF ceramic bypass capacitor located as near to the MCU power pins as
practical to suppress high-frequency noise. Each pin must have a bypass capacitor for best noise
suppression.
VDDA and VSSA are the analog power supply pins for MCU. This voltage source supplies power to the
ADC module. A 0.1
μF ceramic bypass capacitor should be located as near to the MCU power pins as
practical to suppress high-frequency noise. The VREFH and VREFL pins are the voltage reference high and
voltage reference low inputs, respectively for the ADC module. For this MCU, VDDA shares the VREFH
pin and these pins are available only in the 28-pin packages. In the 16-pin and 20-pin packages, they are
double bonded to the VDD pin. For this MCU, VSSA shares the VREFL pin and these pins are available only
in the 28-pin packages. In the 16-pin and 20-pin packages, they are double bonded to the VSS pin.
2.2.2
Oscillator (XOSC)
Immediately after reset, the MCU uses an internally generated clock provided by the clock source
generator (ICS) module. For more information on the ICS, see Chapter 11, “Internal Clock Source
(S08ICSV2).”
The oscillator (XOSC) in this MCU is a Pierce oscillator that can accommodate a crystal or ceramic
resonator. Rather than a crystal or ceramic resonator, an external oscillator can be connected to the EXTAL
input pin.
Refer to Figure 2-4 for the following discussion. RS (when used) and RF should be low-inductance
resistors such as carbon composition resistors. Wire-wound resistors, and some metal film resistors, have
too much inductance. C1 and C2 normally should be high-quality ceramic capacitors that are specifically
designed for high-frequency applications.
RF is used to provide a bias path to keep the EXTAL input in its linear range during crystal startup; its value
is not generally critical. Typical systems use 1 M
Ω to 10 MΩ. Higher values are sensitive to humidity and
lower values reduce gain and (in extreme cases) could prevent startup.
C1 and C2 are typically in the 5-pF to 25-pF range and are chosen to match the requirements of a specific
crystal or resonator. Be sure to take into account printed circuit board (PCB) capacitance and MCU pin
capacitance when selecting C1 and C2. The crystal manufacturer typically specifies a load capacitance
which is the series combination of C1 and C2 (which are usually the same size). As a first-order
approximation, use 10 pF as an estimate of combined pin and PCB capacitance for each oscillator pin
(EXTAL and XTAL).
2.2.3
RESET
RESET is a dedicated pin with open-drain drive containing an internal pull-up device. Internal power-on
reset and low-voltage reset circuitry typically make external reset circuitry unnecessary. This pin is
normally connected to the standard 6-pin background debug connector so a development system can
directly reset the MCU system. If desired, a manual external reset can be added by supplying a simple
switch to ground (pull reset pin low to force a reset).


Similar Part No. - S9S08SG16E1VTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SG4 FREESCALE-S9S08SG4 Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CRSCR FREESCALE-S9S08SG4E2CRSCR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTGR FREESCALE-S9S08SG4E2CTGR Datasheet
3Mb / 316P
   Microcontrollers
S9S08SG4E2CTJR FREESCALE-S9S08SG4E2CTJR Datasheet
1Mb / 320P
   MC9S08SG8 MC9S08SG4 Data Sheet Addendum
S9S08SG4E2CTJRR FREESCALE-S9S08SG4E2CTJRR Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - S9S08SG16E1VTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com