Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SV8 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC9S08SV8
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SV8 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC9S08SV8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MC9S08SV16 Series Data Sheet, Rev. 2
Electrical Characteristics
Freescale Semiconductor
14
Figure 6. Typical IOH Vs. VDD–VOH (VDD = 5.0 V) (High Drive)
4 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
5 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If the positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Ensure that external VDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is
present, or if clock rate is very low (which would reduce overall power consumption).
6 Maximum is highest voltage that POR is guaranteed.
7 Factory trimmed at V
DD = 5.0 V, Temp = 25 °C
Typical IOH vs. VDD-VOH VDD = 5 V (High Drive)
0.000
5.000
10.000
15.000
20.000
25.000
30.000
35.000
40.000
45.000
50.000
0
0.3
0.5
0.8
1
1.3
2
V
-40C
0C
25C
55C
85C


Similar Part No. - MC9S08SV8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SV8 NXP-MC9S08SV8 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results

Similar Description - MC9S08SV8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com