Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08SV8 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part No. MC9S08SV8
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SV8 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC9S08SV8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MC9S08SV16 Series Data Sheet, Rev. 2
System Clock Distribution
Freescale Semiconductor
4
2
System Clock Distribution
MC9S08SV16 series use ICS module as clock sources. The ICS module can use internal or external clock
source as reference to provide up to 40 MHz CPU clock. The output of ICS module includes,
OSCOUT— XOSC output provides EXTAL reference clock to ADC and RTC.
ICSIRCLK — ICS internal clock reference provides clock source of RTC.
ICSFFCLK — ICS fixed frequency clock reference (around 32.768 kHz) provides double of the
fixed lock signal to TPMs and MTIM16.
ICSOUT — ICS CPU clock provides double of bus clock which is basic clock reference of
peripherals.
ICSLCLK — Alternate BDC clock provides debug signal to BDC module.
The TCLK pin is an extra external clock source. When TCLK is enabled, it can provide alternate clock
source to TPMs and MTIM16. The on-chip 1 kHz clock can provide clock source of RTC and COP
modules.
Figure 2. System Clock Distribution Diagram
ICS
CPU
÷2
ICSOUT
ICSFFCLK
BUS CLOCK
BDC
TPM2
RTC
COP
ADC
ICSLCLK
FIXED CLOCK (XCLK)
ICSIRCLK
1 kHz
MTIM16
TPM1
FLASH
RAM
SCI
XOSC
EXTAL XTAL
SPI
IIC
OSCOUT
TCLK
IPC
÷2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn