Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08SV8 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part No. MC9S08SV8
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SV8 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC9S08SV8 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08SV8 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MC9S08SV16 Series Data Sheet, Rev. 2
Electrical Characteristics
Freescale Semiconductor
28
5.11
ADC Characteristics
D
Analog input voltage
VAIN
VSS – 0.3
VDD
V
P
Analog input offset voltage
VAIO
—20
40
mV
C
Analog comparator hysteresis
VH
3.0
9.0
15.0
mV
P
Analog input leakage current
IALKG
——
1.0
μA
C
Analog comparator initialization delay
tAINIT
——
1.0
μs
Table 14. 10-Bit ADC Operating Conditions
Characteristic
Conditions
Symb
Min
Typ1
1 Typical values assume V
DDA = 5.0 V, Temp = 25 °C, fADCK = 1.0 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
Max
Unit
Comment
Supply voltage
Absolute
VDDA
2.7
5.5
V
Input voltage
VADIN
VREFL
—VREFH
V
Input
capacitance
CADIN
—4.5
5.5
pF
Input resistance
RADIN
—3
5
k
Ω
Analog source
resistance
10-bit mode
fADCK > 4MHz
fADCK < 4MHz
RAS
5
10
k
Ω
External to MCU
8-bit mode (all valid fADCK)—
10
ADC
conversion
clock frequency
High speed (ADLPC = 0)
fADCK
0.4
8.0
MHz
Low power (ADLPC = 1)
0.4
4.0
Table 13. Analog Comparator Electrical Specifications (continued)
C
Characteristic
Symbol
Min
Typical
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn