Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SG16 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MC9S08SG16
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG16 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC9S08SG16 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08SG16 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 328 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG32 Data Sheet, Rev. 7
Freescale Semiconductor
71
5.7.6
System Power Management Status and Control 1 Register
(SPMSC1)
This high page register contains status and control bits to support the low-voltage detect function, and to
enable the bandgap voltage reference for use by the ADC and ACMP modules. This register should be
written during the user’s reset initialization program to set the desired controls even if the desired settings
are the same as the reset settings.
Figure 5-8. System Power Management Status and Control 1 Register (SPMSC1)
76543210
R
LVWF1
1 LVWF will be set in the case when V
Supply transitions below the trip point or after reset and VSupply is already below VLVW
0
LVWIE
LVDRE2
2 This bit can be written only one time after reset. Additional writes are ignored.
LVDSE2
LVDE2
0
BGBE
W
LVWACK
Reset:
00011100
= Unimplemented or Reserved
Table 5-9. SPMSC1 Register Field Descriptions
Field
Description
7
LVWF
Low-Voltage Warning Flag — The LVWF bit indicates the low voltage warning status.
0 Low voltage warning is not present.
1 Low voltage warning is present or was present.
6
LVWACK
Low-Voltage Warning Acknowledge — The LVWF bit indicates the low voltage warning status.Writing a 1 to
LVWACK clears LVWF to a 0 if a low voltage warning is not present.
5
LVWIE
Low-Voltage Warning Interrupt Enable — This bit enables hardware interrupt requests for LVWF.
0 Hardware interrupt disabled (use polling).
1 Request a hardware interrupt when LVWF = 1.
4
LVDRE
Low-Voltage Detect Reset Enable — This write-once bit enables LVD events to generate a hardware reset
(provided LVDE = 1).
0 LVD events do not generate hardware resets.
1 Force an MCU reset when an enabled low-voltage detect event occurs.
3
LVDSE
Low-Voltage Detect Stop Enable — Provided LVDE = 1, this write-once bit determines whether the low-voltage
detect function operates when the MCU is in stop mode.
0 Low-voltage detect disabled during stop mode.
1 Low-voltage detect enabled during stop mode.
2
LVDE
Low-Voltage Detect Enable — This write-once bit enables low-voltage detect logic and qualifies the operation
of other bits in this register.
0 LVD logic disabled.
1 LVD logic enabled.
0
BGBE
Bandgap Buffer Enable — This bit enables an internal buffer for the bandgap voltage reference for use by the
ADC and ACMP modules.
0 Bandgap buffer disabled.
1 Bandgap buffer enabled.


Similar Part No. - MC9S08SG16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
3Mb / 316P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG4 NXP-MC9S08SG4 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - MC9S08SG16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com