Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWU6601 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWU6601
Description  HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6601 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWU6601 Datasheet HTML 2Page - ANADIGICS, Inc AWU6601 Datasheet HTML 3Page - ANADIGICS, Inc AWU6601 Datasheet HTML 4Page - ANADIGICS, Inc AWU6601 Datasheet HTML 5Page - ANADIGICS, Inc AWU6601 Datasheet HTML 6Page - ANADIGICS, Inc AWU6601 Datasheet HTML 7Page - ANADIGICS, Inc AWU6601 Datasheet HTML 8Page - ANADIGICS, Inc AWU6601 Datasheet HTML 9Page - ANADIGICS, Inc AWU6601 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Data Sheet - Rev 2.0
10/2009
AWU6601
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Rangestable)totheVENABLE and VMODE1voltages.
Bias Modes
ThepoweramplifiermaybeplacedineitheraLowBias
mode or a High Bias mode by applying the appropriate
logic level (see Operating Ranges table) to VMODE1.
The Bias Control table lists the recommended modes
of operation for various applications. VMODE2 is not
necessary for this PA.
Two operating modes are available to optimize
current consumption. High Bias/High Power operating
mode is for POUTlevels> 16 dBm. At around 17 dBm
output power, the PA should be “Mode Switched” to
Medium/Low power mode for lowest quiescent current
consumption.
Table 6: Bias Control (WCDMA/UMTS)
Table 7: Bias Control (TD-SCDMA)
APPLICATION
POUT
LEVELS
BIAS MODE
VENABLE
VMODE1
VCC
VBATT
UMTS - high power
(HighBiasMode)
> +16 dBm
High
+2.4 V
0 V
3.2 - 4.2 V
> 3.2 V
UMTS - med/low power
(LowBiasMode)
< +17 dBm
Low
+2.4 V
+2.4 V
3.2 - 4.2 V
> 3.2 V
Optional lower VCC in low
power mode
< +7 dBm
Low
+2.4 V
+2.4 V
1.5 V
> 3.2 V
Shutdown
-
Shutdown
0 V
0 V
3.2 - 4.2 V
> 3.2 V
APPLICATION
POUT
LEVELS
BIAS MODE
VENABLE
VMODE1
VCC
VBATT
TD-SCDMA - high power
(HighBiasMode)
> +15 dBm
High
+2.4 V
0 V
3.2 - 4.2 V
> 3.2 V
TD-SCDMA - med/low
power(LowBiasMode)
< +16 dBm
Low
+2.4 V
+2.4 V
3.2 - 4.2 V
> 3.2 V
Shutdown
-
Shutdown
0 V
0 V
3.2 - 4.2 V
> 3.2 V


Similar Part No. - AWU6601

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6602RM45P9 ANADIGICS-AWU6602RM45P9 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6602RM45Q7 ANADIGICS-AWU6602RM45Q7 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6604RM45P9 ANADIGICS-AWU6604RM45P9 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
More results

Similar Description - AWU6601

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com