Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY898533LKZTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY898533LKZTR
Description  Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898533LKZTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY898533LKZTR Datasheet HTML 3Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 4Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 5Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 6Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 7Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 8Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 9Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 10Page - Micrel Semiconductor SY898533LKZTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Micrel, Inc.
SY898533L
July 2009
12
M9999-072409-C
hbwhelp@micrel.com or (408) 955-1690
Package Information
20-Pin TSSOP (K4-20-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its
use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product
can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical
implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A
Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully
indemnify Micrel for any damages resulting from such use or sale.
© 2009 Micrel, Incorporated.


Similar Part No. - SY898533LKZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898530U MICREL-SY898530U Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
SY898530U MICREL-SY898530U Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY898530UTZ MICREL-SY898530UTZ Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
More results

Similar Description - SY898533LKZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS8533-01 ICST-ICS8533-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8530-01 RENESAS-ICS8530-01 Datasheet
354Kb / 18P
   Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
2019
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com