Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY897132LKG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY897132LKG
Description  1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY897132LKG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY897132LKG Datasheet HTML 1Page - Micrel Semiconductor SY897132LKG Datasheet HTML 2Page - Micrel Semiconductor SY897132LKG Datasheet HTML 3Page - Micrel Semiconductor SY897132LKG Datasheet HTML 4Page - Micrel Semiconductor SY897132LKG Datasheet HTML 5Page - Micrel Semiconductor SY897132LKG Datasheet HTML 6Page - Micrel Semiconductor SY897132LKG Datasheet HTML 7Page - Micrel Semiconductor SY897132LKG Datasheet HTML 8Page - Micrel Semiconductor SY897132LKG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY897132L
1.5Gbps Link Replicator for Fibre Channel,
Gigabit Ethernet, HDTV and SATA
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2009
M9999-102209-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY897132L is a Link Replicator which provides
both serial loop replication as well as serial loopback
control functions. It is high performance and works up
to 1.5Gbps on 3.3V power supplies. The SY897132L is
ideal for Fibre Channel, Gigabit Ethernet, HDTV and
SATA
applications.
Other
applications
include
internal/external connection routing in Host Bus
Adaptors as well as hot-pluggable links between switch
cards.
The IN input is sent to both OUT0 and OUT1, which are
enabled when OE0 and OE1 are HIGH and disabled
when they are LOW. When the outputs are disabled,
both differential outputs go HIGH and the buffers are
turned off to save power.
MUX0 controls whether IN or IN1 is sent to OUT0.
Similarly, MUX1 controls whether IN or IN0 is sent to
OUT1. MUX selects whether IN0 or IN1 is sent to OUT.
The SY897132L operates on 3.3V ±5% power supplies
and is guaranteed over the full industrial temperature
range (–40°C to +85°C). The SY897132L is part of
Micrel’s high-speed, Precision Edge
® product line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• Serial loop replication
• No external components required
• T11 Fibre Channel compliant at 1.0625Gbps
• IEEE802.3z Gigabit Ethernet compliant at 1.25Gbps
• SMPTE-292M compliant at 1.485Gbps
• Operates with 3.3V ±5%
• Industrial temperature range: –40°C to +85°C
• Available in 28-pin TSSOP package
Applications
• Link Replicator for: Fibre Channel, Gigabit Ethernet,
HDTV and SATA
• For line cards to provide redundant, hot-swappable
links to redundant switch fabric cards
• For host bus adapter boards for routing between
internal and external connectors


Similar Part No. - SY897132LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132LKG MICREL-SY897132LKG Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132LKGTR MICREL-SY897132LKGTR Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
More results

Similar Description - SY897132LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI-SN65LVCP15 Datasheet
302Kb / 9P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com