Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88232ALMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY88232ALMGTR
Description  2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232ALMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY88232ALMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 10Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 11Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 12Page - Micrel Semiconductor SY88232ALMGTR Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
SY88232L/AL
June 2009
9
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Post Amplifier
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 8
60
120
ps
tJITTER
Deterministic
Random
Note 9
Note 10
15
5
psPP
psRMS
VDiff_IN
(RIN)
Differential Input Voltage Swing
5
1800
mVPP
VDiff_OUT
(ROUT)
Differential Output Voltage
Swing
Note 8
700
800
950
mVPP
GRSSI
RSSI Gain = IRSSI / VDiff_IN (RIN)
5mVPP ≤ VDiff_IN (RIN) ≤ 200mVPP
5
µA/
mVPP
RSSI
Linearity
5mVPP ≤ VDiff_IN (RIN) ≤ 200mVPP
± 2.5
%
LOSAL
Low LOS Assert Level
RLOSLVL = 15kΩ
2
8
mVPP
LOSDL
Low LOS De-assert Level
RLOSLVL = 15kΩ
10
20
mVPP
HSYL
Low LOS Hysteresis
RLOSLVL = 15kΩ, Note 11
1.5
2.6
6
dB
LOSAM
Medium LOS Assert Level
RLOSLVL = 5kΩ
4
12
mVPP
LOSDM
Medium LOS De-assert Level
RLOSLVL = 5kΩ
16
30
mVPP
HSYM
Medium LOS Hysteresis
RLOSLVL = 5kΩ, Note 11
1.5
2.8
6
dB
LOSAH
High LOS Assert Level
RLOSLVL = 100Ω
15
25
mVPP
LOSDH
High LOS De-assert Level
RLOSLVL = 100Ω
36
50
mVPP
HSYH
High LOS Hysteresis
RLOSLVL = 100Ω
1.5
3.2
6
dB
TOFF
LOS Release Time
Note 12
2
10
µs
TON
LOS Assert Time
Note 12
2
10
µs
B-3dB
3dB Bandwidth
2.0
GHz
AV(Diff)
Differential Voltage Gain
38
dB
S21
Single-Ended Small-Signal
Gain
26
32
dB
Notes:
8.
Amplifier in limiting mode. Input is a 200MHz square wave.
9.
Deterministic jitter measured using 2.5Gbps K28.5 pattern, VID = 10mVPP.
10. Random jitter measured using 2.5Gbps K28.7 pattern, VID = 10mVPP.
11. This specification defines electrical hysteresis as 20log (LOS De-Assert/LOS Assert). The ratio between optical hysteresis and electrical hysteresis
is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based on that ratio, the optical
hysteresis corresponding to the electrical hysteresis range 1dB-4.5 dB, shown in the AC characteristics table, will be 0.5dB-3dB Optical Hysteresis.
12. In real world applications, the LOS Release/Assert time can be strongly influenced by the RC time constant of the AC-coupling cap and the 50Ω
input termination. To keep this time low, use a decoupling cap with the lowest value that is allowed by the data rate and the number of consecutive
identical bits in the application (typical values are in the range of 0.001µF to 1.0µF).


Similar Part No. - SY88232ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232ALMGTR MICREL-SY88232ALMGTR Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results

Similar Description - SY88232ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
   1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com