Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY84403BL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY84403BL
Description  Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY84403BL Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY84403BL Datasheet HTML 1Page - Micrel Semiconductor SY84403BL Datasheet HTML 2Page - Micrel Semiconductor SY84403BL Datasheet HTML 3Page - Micrel Semiconductor SY84403BL Datasheet HTML 4Page - Micrel Semiconductor SY84403BL Datasheet HTML 5Page - Micrel Semiconductor SY84403BL Datasheet HTML 6Page - Micrel Semiconductor SY84403BL Datasheet HTML 7Page - Micrel Semiconductor SY84403BL Datasheet HTML 8Page - Micrel Semiconductor SY84403BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY84403BL
May 2009
4
M9999-051509-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) .....................................0V to 4.0V
/EN, LOSLVL Voltage........................................0 to VCC
REF Current ......................................................... ±1mA
LOS Current ......................................................... ±5mA
DOUT, /DOUT Current ....................................... ±25mA
DIN, /DIN Current ............................................... ±10mA
Lead Temperature (soldering, 20sec.) ................ 260°C
Storage Temperature (Ts) .................. –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)..............................+3.0V to +3.6V
Ambient Temperature (TA)....................–40°C to +85°C
Junction Temperature (TA)..................–40°C to +125°C
Package Thermal Resistance
(3)
MLF
®
θ
JA (Still-Air) ............................................ 93°C/W
ψ
JB .......................................................... 56°C/W
DC Electrical Characteristics
VCC = +3.0V to +3.6V; TA = –40°C to +85°C; typical values at VCC = +3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
Note 4
25
42
mA
Note 5
41
62
mA
VREF
REF Voltage
VCC –1.3
V
VLOSLVL
LOSLVL Voltage Range
VREF
VCC
V
VOH
DOUT, /DOUT HIGH Voltage
Note 6
VCC –0.020
VCC –0.005
VCC
V
VOL
DOUT, /DOUT LOW Voltage
VCC = 3.3V, Note 6
VCC –0.475
VCC –0.400
VCC –0.350
V
VOFFSET
Differential Output Offset
±80
mV
ZO
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
TTL DC Electrical Characteristics
VCC = +3.0V to +3.6V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
LOS Output HIGH Level
Sourcing 100µA
2.4
VCC
V
VOL
LOS Output LOW Level
Sinking 2mA
0.5
V
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
IIH
/EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
/EN Input LOW Current
VIN = 0.5V
–0.3
mA
Notes:
1. Permanent device damage may occur if ratings in the absolute maximum ratings section are exceeded. This is a stress rating only and
functional operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes are of 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device's most negative potential on
the PCB.
4. Excludes current of CML output stage. See “Detailed Description.”
5. Total device current with no output load.
6. If the load impedance is different, the output level will be changed. Amplifier is in limiting mode.


Similar Part No. - SY84403BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BLMGTR MICREL-SY84403BLMGTR Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
More results

Similar Description - SY84403BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88773VMG MICREL-SY88773VMG Datasheet
120Kb / 11P
   LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com