Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ440CA Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMAJ440CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMAJ440CA Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMAJ440CA Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMAJ440CA Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
SMAJ5.0A thru SMAJ440CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND - OFF VOLTAGE - 5.0 TO 400 VOLTS
400 Watt Peak Pulse Power
Case JEDEC DO-214AC molded plastic over glass
passivated junction
Terminals Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity Color band denotes positive end (cathode)
except Bidirectional
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.002 ounce, 0.061gram
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types SMAJ5.0 thru types SMAJ170 (e.g. SMAJ5.0C, SMAJ170CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
UNITS
SYMBOL
VALUE
0C
-55 to +150
o
Ratings at 25
C ambient temperature unless otherwise specified
RATING
Peak Pulse Power Dissipation on 10/1000 S waveform
(Note 1, 2, Fig.1)
Peak Pulse Current of on 10/1000 S waveform
(Note 1, Fig.3)
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
Operating junction and Storage Temperature Range
PPPM
IPPM
IFSM
IJ
TSTG
Minimum
400
40
SEE
TABLE 1
Watts
Amps
Amps
NOTES
o
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2.
2
2. Mounted on 5.0mm (0.03mm thick) Copper Pads to each terminal
3. 8.3ms Single Half Sine-Wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
.098(2.50)
.114(2.90)
.006(.152)
.012(.305)
.188(4.80)
.004(.102)
.157(4.00)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.181(4.60)
.008(.203)
.208(5.28)
SMA/DO-214AC
Dimensions in inches and (millimeters)
For surface mount applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle) 0.01%
Fast response time typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional types
Typical IR less than 1mA above 10V
o
High Temperature solderting 250
C/10seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
www.paceleader.tw


Similar Part No. - SMAJ440CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ440CA SOCAY-SMAJ440CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ440CA LITTELFUSE-SMAJ440CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
StarHope
SMAJ440CA SPSEMI-SMAJ440CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Guangdong Juxing Electr...
SMAJ440CA JUXING-SMAJ440CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 400W
logo
AiT Semiconductor Inc.
SMAJ440CA AITSEMI-SMAJ440CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
More results

Similar Description - SMAJ440CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com