Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ12CA Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMBJ12CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMBJ12CA Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMBJ12CA Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMBJ12CA Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMBJ
PART NUMBER
UNI-POLAR
BI-POLAR
SMBJ7.5CA
SMBJ8.0CA
SMBJ8.5CA
SMBJ9.0CA
SMBJ5.0A
SMBJ6.0A
SMBAJ6.5A
SMBJ7.0A
SMBJ7.5A
SMBJ8.0A
SMBJ8.5A
SMBJ9.0A
SMBJ10A
SMBJ11A
SMBJ12A
SMBJ13A
SMBJ14A
SMBJ15A
SMBJ16A
SMBJ17A
SMBJ18A
SMBJ20A
SMBJ22A
SMBJ24A
SMBJ26A
SMBJ28A
SMBJ30A
SMBJ33A
SMBJ48A
SMBJ51A
SMBJ54A
SMBJ58A
SMBJ36A
SMBJ40A
SMBJ43A
SMBJ45A
SMBJ60A
SMBJ64A
SMBJ70A
SMBJ75A
SMBJ78A
SMBJ85A
SMBJ90A
SMBJ100A
SMBJ110A
SMBJ120A
SMBJ130A
SMBJ150A
SMBJ160A
SMBJ170A
SMBJ5.0CA
SMBJ6.0CA
SMBJ6.5CA
SMBJ7.0CA
SMBJ160CA
SMBJ170CA
SMBJ110CA
SMBJ120CA
SMBJ130CA
SMBJ150CA
SMBJ78CA
SMBJ85CA
SMBJ90CA
SMBJ100CA
SMBJ60CA
SMBJ64CA
SMBJ70CA
SMBJ75CA
SMBJ48CA
SMBJ51CA
SMBJ54CA
SMBJ58CA
SMBJ36CA
SMBJ40CA
SMBJ43CA
SMBJ45CA
SMBJ26CA
SMBJ28CA
SMBJ30CA
SMBJ33CA
SMBJ18CA
SMBJ20CA
SMBJ22CA
SMBJ24CA
SMBJ14CA
SMBJ15CA
SMBJ16CA
SMBJ17CA
SMBJ10CA
SMBJ11CA
SMBJ12CA
SMBJ13CA
DEVICE
MARKING
CODE
UNI
BI
KE
KG
KK
KM
KP
KR
KT
KV
KX
KZ
LE
LG
LK
LM
LP
LR
LT
LV
LX
LZ
ME
MG
MK
MM
MP
MR
MT
MV
MX
MZ
NE
NG
NT
NV
NX
NZ
NK
NM
NP
NR
PE
PG
PK
PM
PP
PR
AE
AG
AK
AM
EP
ER
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BV
BX
BZ
CE
CG
CK
CM
CP
CR
CT
CV
CX
CZ
DE
DG
DT
DV
DX
DZ
DK
DM
DP
DR
EE
EG
EK
EM
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOW
N VOLTAGE
VBR (V)
Min.@ IT
BREAKDOW
N VOLTAGE
VBR (V)
Max.@ IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@ IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (A)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
800
800
500
200
100
50
20
10
5.0
6.0
6.5
7.0
160.0
170.0
110.0
120.0
130.0
150.0
78.0
85.0
90.0
100.0
60.0
64.0
70.0
75.0
48.0
51.0
54.0
58.0
36.0
40.0
43.0
45.0
26.0
28.0
30.0
33.0
18.0
20.0
22.0
24.0
14.0
15.0
16.0
17.0
10.0
11.0
12.0
13.0
7.5
8.0
8.5
9.0
6.40
6.67
7.22
7.78
178.00
189.00
122.00
133.00
144.00
167.00
86.70
94.40
100.00
111.00
66.70
71.10
77.80
83.30
53.30
56.70
60.00
64.40
40.00
44.40
47.80
50.00
28.90
31.10
33.30
36.70
20.00
22.20
24.40
26.70
15.60
16.70
17.80
18.90
11.10
12.20
13.30
14.40
8.33
8.89
9.44
10.00
7.00
7.37
7.98
8.60
197.00
209.00
135.00
147.00
159.00
185.00
95.80
104.00
111.00
123.00
73.70
78.60
86.00
92.10
58.90
62.70
66.30
71.20
44.20
49.10
52.80
55.30
31.90
34.40
36.80
40.60
22.10
24.50
26.90
29.50
17.20
18.50
19.70
20.90
12.30
13.50
14.70
15.90
9.21
9.83
10.40
11.10
9.2
10.3
11.2
12.0
259.0
275.0
177.0
193.0
209.0
243.0
126.0
137.0
146.0
162.0
96.8
103.0
113.0
121.0
77.4
82.4
87.1
93.6
58.1
64.5
69.4
72.7
42.1
45.4
48.4
53.3
29.2
32.4
35.5
38.9
23.2
24.4
26.0
27.6
17.0
18.2
19.9
21.5
12.9
13.6
14.4
15.4
65.3
58.3
53.6
50.0
2.3
2.2
3.4
3.1
2.9
2.5
4.8
4.4
4.1
3.7
6.2
5.9
5.3
5.0
7.8
7.3
6.9
6.5
10.4
9.3
8.7
8.3
14.3
13.3
12.4
11.3
20.6
18.6
16.9
15.5
25.9
24.6
23.1
21.8
35.3
33.0
30.2
28.0
46.6
44.2
41.7
39.0
SMBJ5.0A thru SMBJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE 5.0 TO 170 VOLTS
600 Watt Peak Pulse Power
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is +- 10%
www.paceleader.tw


Similar Part No. - SMBJ12CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ12CA SOCAY-SMBJ12CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ12CA BYTES-SMBJ12CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ12CA UMW-SMBJ12CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
MDE Semiconductor, Inc.
SMBJ12CA MDE-SMBJ12CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMBJ12CA HUAXINAN-SMBJ12CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ12CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com