Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ6.5CA Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMBJ6.5CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMBJ6.5CA Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMBJ6.5CA Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMBJ6.5CA Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
SMBJ5.0A thru SMBJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE 5.0 TO 170 VOLTS
600 Watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
UNITS
SYMBOL
VALUE
0C
-55 to +150
o
Ratings at 25
C ambient temperature unless otherwise specified
RATING
PPPM
IPPM
IFSM
IJ
TSTG
Minimum
600
100
SEE
TABLE 1
Watts
Amps
Amps
For surface mount applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle) 0.01%
Fast response time typically less than 1.0ps
from 0 Volts to V (BR) for unidirectional types
Typical IR less than 1mA above 10V
o
High Temperature solderting 250
C/10seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Case JEDEC DO-214A molded plastic over glass
passivated junction
Terminals Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity Color band denotes positive end (cathode)
except Bidirectional
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.003 ounce, 0.093gram
For Bidirectional use C or CA Suffix for types SMBJ5.0 thru types SMBJ170 (e.g. SMBJ5.0C, SMBJ170CA)
Electrical characteristics apply in both directions
Peak Pulse Power Dissipation on 10/1000 S waveform
(Note 1, 2, Fig.1)
Peak Pulse Current of on 10/1000 S waveform
(Note 1, Fig.3)
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2,3)
Operating junction and Storage Temperature Range
NOTES
o
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25
C per Fig.2.
2
2. Mounted on 5.0mm (0.03mm thick) Copper Pads to each terminal
3. 8.3ms Single Half Sine-Wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
SMB/DO-214AA
Dimensions in inches and (millimeters)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
www.paceleader.tw


Similar Part No. - SMBJ6.5CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ6.5CA LITTELFUSE-SMBJ6.5CA Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
Bytes
SMBJ6.5CA BYTES-SMBJ6.5CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SEMTECH ELECTRONICS LTD...
SMBJ6.5CA SEMTECH_ELEC-SMBJ6.5CA Datasheet
318Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Juxing Electr...
SMBJ6.5CA JUXING-SMBJ6.5CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
STMicroelectronics
SMBJ6.5CA STMICROELECTRONICS-SMBJ6.5CA Datasheet
133Kb / 10P
   Transil
More results

Similar Description - SMBJ6.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com