Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1148C Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1148C
Description  1608 (h=0.35 mm) Type White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1148C Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1148C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Page 9
SW1148C
1608 (h=0.35 mm) Type White LED
2009.2.2
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Condition : Ta = 25℃
Duty (%)
Technical Data
Forward Current vs. Chromaticity
Condition : Ta = 25℃
x
Ambient Temperature vs. Chromaticity
Condition : I
F = 1mA
x


Similar Part No. - SW1148C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
SW1142LT STANLEY-SW1142LT Datasheet
379Kb / 20P
   Right Angle Type White LED
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
logo
Pletronics, Inc.
SW1144BYE PLETRONICS-SW1144BYE Datasheet
200Kb / 7P
   Sine Wave Oscillators
More results

Similar Description - SW1148C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
   3.5 x 3.5 mm (h=1.6 mm) Type White LED
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
   3.5 x 3.5 mm (h=1.6 mm) Type White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com