Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSW1142LT Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # HSW1142LT
Description  Right Angle Type White LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HSW1142LT Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  HSW1142LT Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HSW1142LT Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Color and Luminous Intensity
Page 2
MIN.
TYP.
I
F
TYP.
I
F
HSW1142LT
InGaN
White
Pale
Yellow
1,720
2,000
20
5.0
20
SW1142LT
InGaN
White
Pale
Yellow
1,440
1,720
20
4.0
20
HEW1142LS
InGaN
White
Pale
Yellow
860
1,300
20
3.5
20
Part No.
Material
Emitted
Color
Luminous Flux
Iv (mcd)
φv (lm)
Lens
Color
Luminous Intensity
□W1142L□ Series
Right Angle Type White LED
※Note : The above luminous intensity(I
v) is the setup values of the sorting machine.
(Tolerance : IV…±10%)
(Ta=25℃)
2008.11.15


Similar Part No. - HSW1142LT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HSW1142LTM STANLEY-HSW1142LTM Datasheet
334Kb / 16P
   Right Angle Type White LED
More results

Similar Description - HSW1142LT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HKW1145LT STANLEY-HKW1145LT Datasheet
371Kb / 17P
   Right Angle Type White LED
HKW1142LT STANLEY-HKW1142LT Datasheet
336Kb / 17P
   Right Angle Type White LED
W1145L STANLEY-W1145L Datasheet
419Kb / 20P
   Right Angle Type White LED
HSW112LTM STANLEY-HSW112LTM Datasheet
334Kb / 16P
   Right Angle Type White LED
logo
HK TO-GRACE TECHNOLOGY ...
12-215-T1D-ANPHY-3C TO-GRACE-12-215-T1D-ANPHY-3C Datasheet
823Kb / 11P
   White Chip LED With Right Angle Lens
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C_11 Datasheet
148Kb / 12P
   White Chip LED With Right Angle Lens
W1D-ANPHY EVERLIGHT-W1D-ANPHY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C EVERLIGHT-48-213-T7D-AQ1R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T2D-AQ2R2QY-3C TO-GRACE-48-213-T2D-AQ2R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
12-215-W1D-ANPHY-3C TO-GRACE-12-215-W1D-ANPHY-3C Datasheet
778Kb / 11P
   White Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com