Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW1141C Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # LW1141C
Description  1608 (h=0.7 mm) Type White LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

LW1141C Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button LW1141C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. LW1141C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sorting Chart for Chromaticity Coordinates(LW)
Page 7
Rank
xy
xy
xy
xy
1
0.280
0.248
0.264
0.267
0.283
0.305
0.296
0.276
2c
0.287
0.295
0.283
0.305
0.304
0.330
0.307
0.315
2d
0.296
0.276
0.287
0.295
0.307
0.315
0.311
0.294
2e
0.307
0.315
0.304
0.330
0.330
0.360
0.330
0.339
2f
0.311
0.294
0.307
0.315
0.330
0.339
0.330
0.318
3
0.330
0.318
0.330
0.360
0.361
0.385
0.356
0.351
5a
0.285
0.243
0.280
0.248
0.296
0.276
0.301
0.266
5b
0.301
0.266
0.296
0.276
0.311
0.294
0.313
0.284
5c
0.313
0.284
0.311
0.294
0.330
0.318
0.330
0.310
5d
0.330
0.310
0.330
0.318
0.356
0.351
0.355
0.343
LEFT DOWN point
LEFT UP point
RIGHT UP point
RIGHT UP point
1141C Series
1608 (h=0.7 mm) Type White LED
2006.10.30
(Ta=25℃)
Chromaticity Coordinates Tolerance Each Rank : +/-0.02
Please contact our sales staff concerning rank designation.


Similar Part No. - LW1141C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
LW1141W STANLEY-LW1141W Datasheet
166Kb / 11P
   3216 Type White LED
More results

Similar Description - LW1141C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
   1608 (h=0.35 mm) Type White LED
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com