Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1118C-0002 Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1118C-0002
Description  Single Color 1608 (h=0.35 mm) Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1118C-0002 Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SB1118C-0002 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SB1118C-0002 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Page 8
2009.3.30
Single Color 1608 (h=0.35 mm) Type
SB1118C-0002
Ambient Temperature vs. Relative Intensity
Condition : I
F=2mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 10Hz
Ambient Temperature : Ta(℃)
Technical Data
Duty Cycle vs. Maximum Forward Current
Duty(%)
Ambient Temperature vs. Forward Voltage
Condition : I
F=0.5mA~10mA
Ambient Temperature : Ta(℃)


Similar Part No. - SB1118C-0002

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
More results

Similar Description - SB1118C-0002

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
   1608 (h=0.35 mm) Type White LED
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
   Single Color Super Wide Angle Type (h=0.5 mm)
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
   Single Color Super Wide Angle Type (h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
   Single Color Super Wide Angle Type (h=1.3 mm)
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com