Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1105W Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1105W
Description  Single Color Ultra High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1105W Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SB1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
1
10
100
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
400
450
500
550
600
VUB,VUG
VUB,VUG
VUB
VUG
Characteristics Chart (VUB,VUG)
Page 7
1105W Series
Single Color Dome Lens Type
Spatial Distribution Example
Spectral Distribution
Relative Intensity vs. Wavelength
Condition:I
F=10mA
Ta=25℃
Wavelength[nm]
Forward Current vs. Relative Intensity
Condition: Ta=25℃
Forward Current : I
F (mA)
Forward Voltage vs. Forward Current
Condition: Ta=25℃
Forward Voltage : V
F(V)
VUB,VUG
X-direction
30
90
90
60
30
60
0
50
Condition: Ta=25℃
(High Reliability type, V-Series)
2005.11.14


Similar Part No. - SB1105W

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SB1105100M1 ABC-SB1105100M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105101K1 ABC-SB1105101K1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105120M1 ABC-SB1105120M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105150M1 ABC-SB1105150M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105151K1 ABC-SB1105151K1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com