Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS5G04S Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # PS5G04S
Description  Through-hole Phototransistor/5 Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PS5G04S Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  PS5G04S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PS5G04S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3
2009.3.23
PS5G04S
Through-hole Phototransistor/φ5 Type
Photo Current Rank
(Ta=25℃)
※Please contact our sales staff concerning rank designation.
MIN.
MAX.
A1.5
3.0
B2.4
4.8
C4.0
8.0
D
7.0
14.0
E
12.0
24.0
Ic(mA)
VCE = 5V
Ee = 1mW/cm
2
Condition
Rank


Similar Part No. - PS5G04S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS5 DBLECTRO-PS5 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
List of Unclassifed Man...
PS50-12S05 ETC2-PS50-12S05 Datasheet
266Kb / 4P
   High Density DC-DC Modules
PS50-12S12 ETC2-PS50-12S12 Datasheet
266Kb / 4P
   High Density DC-DC Modules
PS50-12S15 ETC2-PS50-12S15 Datasheet
266Kb / 4P
   High Density DC-DC Modules
PS50-12S24 ETC2-PS50-12S24 Datasheet
266Kb / 4P
   High Density DC-DC Modules
More results

Similar Description - PS5G04S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS3022 STANLEY-PS3022 Datasheet
172Kb / 10P
   Through-hole Phototransistor/?5 Type
PS3072 STANLEY-PS3072 Datasheet
205Kb / 10P
   Through-hole Phototransistor/?3 Type
PS3G07S STANLEY-PS3G07S Datasheet
186Kb / 10P
   Through-hole Phototransistor/3 Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
logo
Inolux Corporation
INL-5AX30 INOLUX-INL-5AX30 Datasheet
1Mb / 12P
   5 mm Through Hole Lamp
logo
List of Unclassifed Man...
LA-75-50 ETC2-LA-75-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
logo
STANLEY ELECTRIC CO.,LT...
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com