Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK62C Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SK62C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK62C Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SK62C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK62C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
SK62C thru SK610C
UNITS
0C
0C
-50 to +150
-50 to +125
mA
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JL
R JA
TJ
TSTG
6.0
150
1.0
20
20
75
0.65
0.85
0.85
VOLTAGE - 20 TO 100 VOLTS
CURRENT - 6.0 AMPERES
FEATURES
MECHANICAL DATA
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
SK62C
20
14
20
SK63C
30
21
30
SK64C
40
28
40
SK65C
50
35
50
SK66C
60
42
60
SK68C
80
56
80
SK69C
90
63
90
SK610C
100
70
100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For surface mount applications
Low profile package
Built-in strain relief
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High surge capability
High current capability, low VF
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
Pb free product are available 99% Sn above can meet RoHS
Environment substance directive request
Case JEDEC DO-214AB molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Color band denotes cathode end (cathode)
Standard Package 12mm tape (EIA-481)
Weight 0.007 ounce, 0.021gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current .375 (9.5mm) lead
0
length at TL =75 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 6.0A (Note 1)
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Maximum Thermal Resistance (NOTE 2)
Operating Junction Temperature Rang
Storage Temperature Range
NOTES
1. Pulse test with PW=300 sec, 1% duty cycle
2
2. Mounted on P.C.Board with 8mm (0.13mm think) copper pad areas
www.paceleader.com.tw


Similar Part No. - SK62C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK62 MCC-SK62 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62 Datasheet
607Kb / 5P
   6 Amp Schottky Rectifier 20 to 100 Volts
logo
SHIKUES Electronics
SK6206 SKTECHNOLGY-SK6206 Datasheet
1Mb / 7P
   LOW POWER, LOW DROPOUT MIDDLE CURRENT VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SK62DL SECOS-SK62DL Datasheet
188Kb / 2P
   6.0AMP Low Vf Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK62L MCC-SK62L Datasheet
692Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK62C

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com