Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK110B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SK110B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK110B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SK110B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK110B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SK12B THRU SK110B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK12B thru SK110B
0
LEADTEMPERATURE,
C
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVELOAD
.375"
(9.5 mm)
LEAD LENGTH
0
.25
.50
.75
1.0
25
0
100
75
150
175
50
125
0.1
0.1
.001
.001
1.0
1.0
10
10
100
100
.10
.10
20
20
0
0
100
100
60
60
40
40
120
120
140
140
80
80
0
T =125 C
J
0
T =150 C
J
0
T =125 C
J
0
T =75 C
J
0
T =25 C
J
0
T =25 C
J
10
1.0
.1
100
20
10
60
40
80
100
200
400
0
T =25 C
SK12B
J
SK12B
SK14B
SK14B
SK16B
SK16B
SK13B
SK13B
SK15B
SK15B
SK18B
SK18B
0.1
1.0
10
20
.3
.1
.5
.7
.9
1.1 1.3 1.5 1.7 1.9 2.1
Pulse Width-300 s
1% DUTYCYCLE
0
T =25 C
J
8.3ms Single Half Sine Wave
JEDEC Method
1
10
100
10
0
20
30
40
50
SK12B SK110B
SK110B
SK110B
Fig.1 - FORWARD CURRENT DERATING CURVE
Fig.4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
Fig.3A - TYPICALFORWARD CHARACTERISTICS
Fig.3B - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
Fig.5 - MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.4 - TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE, VOLTS
www.paceleader.tw


Similar Part No. - SK110B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK110B TSC-SK110B Datasheet
56Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK110B TSC-SK110B Datasheet
199Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SEMTECH ELECTRONICS LTD...
SK110B SEMTECH_ELEC-SK110B Datasheet
244Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK110B TSC-SK110B Datasheet
434Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SK110B TSC-SK110B Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK110B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com