Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNK5306X Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK5306X
Description  Through-hole IRED/5 High Speed, High Total Output Power Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK5306X Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  DNK5306X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings
Item
Symbol
Unit
Power Dissipation
Pd
mW
Forward Current
IF
mA
Pulse Forward Current
※ 1
IFRM
mA
⊿ IF
mA/℃
⊿ IFRM
mA/℃
Reverse Voltage
VR
V
Operating Temperature
Topr
Storage Temperature
Tstg
Electro-Optical Characteristics
Conditions
MIN.
1.3
TYP.
1.5
MAX.
1.7
Reverse Current
VR=5V
IR
MAX.
100
μ A
MIN.
33.6
TYP.
75
Total Output Power
IF=50mA
Po
TYP.
24
mW
Peak Wavelength
IF=50mA
λ
p
TYP.
870
nm
Spectral Half-width
IF=50mA
⊿λ
TYP.
45
nm
Half Intensity Angle
IF=50mA
2θ 1/2
TYP.
20
deg.
MIN.
(40)
TYP.
55
Response Time
IF=50mA
tr/tf
TYP.
7/7
ns
Pulse Forward Voltage
IFRM=500mA
VFM
Max.
3.4
V
( ) : Reference Value
Derating
(Ta=25℃ or higher)
Item
Symbol
Characteristics
-30~+85
-30~+100
※ 1 IFRM Measurement condition : Pulse Width≦ 0.1ms, Duty≦ 1/100
Absolute Maximum Ratings
V
mW/sr
Unit
170
100
1,000
1.33
13.3
5
Forward Voltage
IF=50mA
VF
MHz
Cut-off Frequency
IF=50mADC±5mA,
-3db from 1MHz
Radiant Intensity
IF=50mA
IE
fc
Page 2
Through-hole IRED/
DNK5306X
(Ta=25℃)
(Ta=25℃)
φ5 High Speed, High Total Output Power Type
2009.2.2


Similar Part No. - DNK5306X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results

Similar Description - DNK5306X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com