Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNK3804X Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK3804X
Description  Through-hole IRED/3 High Speed, High Total Output Power Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK3804X Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  DNK3804X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK3804X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiant Intensity Rank
Page 3
Please contact our sales staff concerning rank designation.
2009.2.2
DNK3804X
(Ta=25℃)
MIN.
MAX .
A
8.4
16.8
B
12.0
24.0
C
16.8
33.6
D
24.0
48.0
E
33.6
67.2
Rank
IF = 50mA
IE(mW/s r)
Condition
Through-hole IRED/
φ3 High Speed, High Total Output Power Type


Similar Part No. - DNK3804X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
More results

Similar Description - DNK3804X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
AN3803X STANLEY-AN3803X Datasheet
243Kb / 11P
   Through-hole IRED/3 Type
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
   Through-hole IRED/3 Wide Distribution Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com